Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS56 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS56
Description  High-speed double diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS56 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS56 Datasheet HTML 1Page - NXP Semiconductors BAS56 Datasheet HTML 2Page - NXP Semiconductors BAS56 Datasheet HTML 3Page - NXP Semiconductors BAS56 Datasheet HTML 4Page - NXP Semiconductors BAS56 Datasheet HTML 5Page - NXP Semiconductors BAS56 Datasheet HTML 6Page - NXP Semiconductors BAS56 Datasheet HTML 7Page - NXP Semiconductors BAS56 Datasheet HTML 8Page - NXP Semiconductors BAS56 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1996 Sep 10
2
NXP Semiconductors
Product data sheet
High-speed double diode
BAS56
FEATURES
• Small plastic SMD package
• High switching speed: max. 6 ns
• Continuous reverse voltage:
max. 60 V
• Repetitive peak reverse voltage:
max. 60 V
• Repetitive peak forward current:
max. 600 mA.
APPLICATIONS
• High speed switching in e.g.
surface mounted circuits.
DESCRIPTION
The BAS56 consists of two high-
speed switching diodes fabricated in
planar technology, and encapsulated
in the small rectangular plastic SMD
SOT143 package. The diodes are not
connected.
PINNING
PIN
DESCRIPTION
1
cathode (k1)
2
cathode (k2)
3
anode (a2)
4
anode (a1)
Fig.1 Simplified outline (SOT143) and symbol.
Marking code: L51.
handbook, halfpage43
2
1
Top view
MAM059
2
3
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com