Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL802 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RL802
Description  GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RL802 Datasheet(HTML) 1 Page - Rectron Semiconductor

  RL802 Datasheet HTML 1Page - Rectron Semiconductor RL802 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
MECHANICAL DATA
* Case: TO-220 molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 2.24 grams
* Polarity: As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RL801
THRU
RL806
TO-220A
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1.Case Temperature Measured at Metal Tab.
2.Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
3.Suffix “ R “ = Common Anode.
* Low Ieakage
* Low forward voltage drop
* High current capability
* High surge capability
* High reliability
2001-4
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
TC = 100
oC (Note 1)
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
8.0
3.6
40
-65 to + 150
Amps
pF
0 C
UNITS
50
200
400
600
100
RL801
Typical Thermal Resistance
R
θ JC
200
RL802
RL803
RL804
RL805
RL806
800
50
200
400
600
100
800
35
140
280
420
70
560
0C/ W
at Rated DC Blocking Voltage
100
uAmps
Maximum DC Reverse Current
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
10
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
@TC = 25
oC
@TC = 100
oC
RL801
RL802
RL803
RL804
RL805
RL8506
.153 (3.9)
.413 (10.5)
.108
.051
.04MAX.
.374 (9.5)
(2.75)
(1.3)
(1.0)
.148 (3.8)
.053 (1.3)
.047 (1.2)
.270 (6.9)
.610 (15.5)
.583 (14.8)
.043 (1.1)
.102 (2.6)
.091 (2.3)
.035 (0.9)
.583 (14.8)
.157
.126
(4.0)
(3.2)
.531 (13.5)
.022 (0.56)
.014 (0.36)
.230 (5.8)
.187 (4.7)
.146 (3.7)


Similar Part No. - RL802

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
RL802 HORNBY-RL802 Datasheet
262Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
RL802 RECTRON-RL802 Datasheet
82Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
RL802CS RECTRON-RL802CS Datasheet
96Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
RL802K RECTRON-RL802K Datasheet
189Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
RL802S RECTRON-RL802S Datasheet
24Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
More results

Similar Description - RL802

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBJ8A PANJIT-GBJ8A Datasheet
120Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
GBU8A PANJIT-GBU8A Datasheet
42Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Rectron Semiconductor
FR801 RECTRON-FR801 Datasheet
25Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
FR801S RECTRON-FR801S Datasheet
23Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
RL1601CS RECTRON-RL1601CS Datasheet
23Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 16 Amperes)
RL801S RECTRON-RL801S Datasheet
24Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
FM806C RECTRON-FM806C Datasheet
307Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 800 Volts CURRENT 8.0 Amperes
IRL1601C RECTRON-IRL1601C Datasheet
29Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 800 Volts CURRENT 16 Amperes
RL801K RECTRON-RL801K Datasheet
189Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
logo
WILLAS ELECTRONIC CORP
FR801 WILLAS-FR801 Datasheet
238Kb / 2P
VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com