Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

356 Datasheet(PDF) 3 Page - 3M Electronics

Part # 356
Description  3M™ Power Clamp Header
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

356 Datasheet(HTML) 3 Page - 3M Electronics

  356 Datasheet HTML 1Page - 3M Electronics 356 Datasheet HTML 2Page - 3M Electronics 356 Datasheet HTML 3Page - 3M Electronics 356 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Power Clamp Header
3 mm, Right Angle, 1 and 2 Row, 5 and 10 Contacts
356 Series
TS-2303-B
Sheet 3 of 3
Polarization Options
Recommended Hole Pattern
PCB
PCB
2 Row Header
Available Part Numbers
3M Part Numbers
Polarization
35610-5253-A00 PE
A
35610-5253-B00 PE
B
mm
[Inch]
Tolerance Unless Noted
.0
.00
.000
mm
±3
±.13 ±.008
[ ] Dimensions for Reference Only
Ordering Information
35610-5253-X00 PE (RIAE1andC1Apply)
Polarization:
A: Type A (wide)
B: Type B (narrow)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com