Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS1007M Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RS1007M
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS1007M Datasheet(HTML) 2 Page - Rectron Semiconductor

  RS1007M Datasheet HTML 1Page - Rectron Semiconductor RS1007M Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES (RS1001M THRU RS1007M)
heatsink
TYPICAL FORWARD CURRENT
DERATING CURVE
CASE TEMPERATURE, (
)
Tc
Tc
sine wave
R-load
on heatsink
80
90
100 110
120 130 140
150 160
12
10
0
2
4
6
8
TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
TC = 150
(TYP)
TC = 25
(TYP)
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
0.1
0.2
0.5
1
2
5
10
20
30
pulse test
per one diode
POWER DISSIPATION
AVERAGE RECTIFIED FORWARD CURRENT, Io (A)
024
8
610
12
14
34
30
20
10
0
sine wave
Tj=150
CONTACT THERMAL RESISTANCE fcf
MOUNTING TORQUE (Kg.cm)
with thermal compound
23
4
5
6
7
8
1.5
1.6
1.4
1.3
1.2
1.1
1
SURGE FORWARD CURRENT CAPABILITY
NUMBER OF CYCLE
sine wave
non-repetitive
Tj=25
1 cycle
8.3ms 8.3ms
0
200
160
180
140
120
100
80
60
1
2
5
10
20
50
100
TYPICAL FORWARD CURRENT
DERATING CURVE
AMBIENT TEMPERATURE, (
)
on glass-epoxi substrate
P.C.B
sine wave
R-load
free in air
0
40
80
120
160
0
1
2
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com