Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFIBER-SFP-100 Datasheet(PDF) 2 Page - SIXNET Technology Park

Part # FSFIBER-SFP-100
Description  INDUSTRIAL FAST ETHERNET FIBER TRANSCEIVERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIXNET [SIXNET Technology Park]
Direct Link  http://www.sixnet.com/index.cfm
Logo SIXNET - SIXNET Technology Park

FSFIBER-SFP-100 Datasheet(HTML) 2 Page - SIXNET Technology Park

  FSFIBER-SFP-100 Datasheet HTML 1Page - SIXNET Technology Park FSFIBER-SFP-100 Datasheet HTML 2Page - SIXNET Technology Park  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
solutions for your industrial networking challenges
www.sixnet.com
SIXNET Technology Park
331 Ushers Road • Ballston Lake, NY 12019 • USA
1.518.877.5173 • Fax 1.518.877.8346 • sales@sixnet.com
Datasheet FxFIBER-SFP
Rev: 10 Aug, 2009
fxfiBer-sfp
iNDUSTRiAL fAST eTHeRNeT fiBeR TRANSCeiVeRS
Part Number
Availability
Mode
Data
Rate
(Mbps)
Light Source
TX
(dBm)
Min.
TX (dBm)
Max.
RX (dBm)
Sen
Connector
Type
Nominal
* Max.
Distance
FMFIBER-SFP-4K
standard
multimode
155
1310 LED
-20
-14
-32
LC
4km
FSFIBER-SFP-30K
standard
singlemode
155
1310 FP
-9
-3
-34
LC
30km
FSFIBER-SFP-60K
standard
singlemode
155
1310 FP
-5
0
-35
LC
60km
FSFIBER-SFP-100
standard
singlemode
155
1550 DFB
-5
0
-35
LC
100km
TRANSMiTTeR OPTiCAL CHARACTeRiSTiCS:
PARAMeTeR
RATiNG*
MiN.
TyP.
MAx.
UNiT
NOTe
Output Optical Power From
Multimode Fiber
2km
-20
-
-14
dBm
For MM fiber
Output Optical Power From Single
Mode Fiber
30km
60km, 100km
-9
-5
-
-
-3
0
dBm
For SM fiber
Extinction Ratio
2km
30km, 60km, 100km
10
9
-
-
-
-
dB
For MM fiber
For SM fiber
Output Center Wavelength
2km
30km, 60km
100km
1270
1270
1480
1310
1310
1550
1380
1355
1580
nm
For MM fiber
For SM fiber
For SM fiber
Spectral Width (FWHM)
2km
-
135
160
nm
For MM fiber
Spectral Width (RMS
30km, 60km
100km
-
-
-
-
2.5
1.0
nm
nm
For SM fiber
Rise/Fall time (20%-80%)
2km
-
-
3.0
ns
For MM fiber
Rise/Fall time (10%-90%)
30km, 60km, 100km
-
-
2.0
ns
For SM fiber
Relative Intensity Noise
2km
30km, 60km, 100km
-
-
-
-
-120
-120
dB/Hz
For MM fiber
For SM fiber
Output Eye
Compliant with ITU-T G.957
For all fiber
Max P out TX-DISABLE Asserted
2km
30km, 60km, 100km
-
-
-
-
-45
-45
dBm
For MM fiber
For SM fiber
ReCeiVeR OPTiCAL CHARACTeRiSTiCS:
Optical Input Power
-
-3
-
-
dBm
For all fiber
Sensitivity
2km
30km
60km, 100km
-
-
-
-
-
-
-32
-34
-35
dBm
Fot MM fiber
For SM fiber
For SM fiber
Operating Wavelength
For all
1260
-
1610
nm
For all fiber
Optical Return Loss
For all
12
-
-
dB
For all fiber
Loss of Signal - Deasserted
2km
30km
60km, 100km
-
-
-
-
-
-
-32
-34
-35
dBm
For all fiber
Loss of Signal - Asserted
For all
-45
-
-
dBm
For all fiber
Loss of Signal - Hysteresis
2km
30km, 60km, 100km
1.0
0.5
-
-
-
6
dB
For MM fiber
For SM fiber
ORDeRiNG GUiDe
* Note: The nominal distance is for reference only. For more accurate distance estimations the power budget method should be used.
All specifications are subject to change. Consult factory for latest info.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com