Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF12 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SF12
Description  GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF12 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SF12 Datasheet HTML 1Page - Rectron Semiconductor SF12 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* High reliability
* Low leakage
* Low forward voltage
* High current capability
* Super fast switching speed
* High surge capability
* Good for switching mode circuit
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
SF11
THRU
SF16
DO-41
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF=0.5A, IR=-1.0A, IRR=-0.25A.
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.33 gram
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Current
at TA = 55
oC
Peak Forward Surge Current IFM (surge):8.3 ms single half
sine-wave superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
1.0
30
15
-65 to + 150
Amps
pF
0 C
UNITS
SF11
SF14
SF12
SF15
SF16
SF13
50
200
100
300
400
150
35
140
70
210
280
105
50
200
100
300
400
150
10
at Rated DC Blocking Voltage
CHARACTERISTICS
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
UNITS
0.95
5.0
uAmps
nSec
Maximum DC Reverse Current
Maximum Forward Voltage at 1.0A DC
Volts
@TA = 25
oC
@TA =150
oC
SF11
SF14
SF12
SF15
SF16
SF13
1.25
50
35
1.0 (25.4)
MIN.
.166 (4.2)
.205 (5.2)
1.0 (25.4)
MIN.
.107 (2.7)
.080 (2.0)
DIA.
.034 (0.9)
.028 (0.7)
DIA.


Similar Part No. - SF12

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF12 MOSPEC-SF12 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
logo
Won-Top Electronics
SF12 WTE-SF12 Datasheet
46Kb / 3P
1.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF12 ZOWIE-SF12 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Jinan Gude Electronic D...
SF12 JGD-SF12 Datasheet
161Kb / 2P
1.0 AMP. SUPER FAST RECTIFIERS
logo
Bytes
SF12 BYTES-SF12 Datasheet
161Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF12

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
EDB101S RECTRON-EDB101S Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST SILICON SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
EFM101 RECTRON-EFM101 Datasheet
27Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
ESM101 RECTRON-ESM101 Datasheet
26Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
UFM101 RECTRON-UFM101 Datasheet
21Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
EFM101 RECTRON-EFM101_06 Datasheet
559Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
1E1 RECTRON-1E1 Datasheet
88Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
EFM101B RECTRON-EFM101B Datasheet
68Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
EFMB101 RECTRON-EFMB101 Datasheet
59Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
SE1 RECTRON-SE1 Datasheet
343Kb / 5P
SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
USF11 RECTRON-USF11 Datasheet
33Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com