Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5116 Datasheet(PDF) 3 Page - EPCOS

Part # B5116
Description  SAW filter RF Base Station
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5116 Datasheet(HTML) 3 Page - EPCOS

  B5116 Datasheet HTML 1Page - EPCOS B5116 Datasheet HTML 2Page - EPCOS B5116 Datasheet HTML 3Page - EPCOS B5116 Datasheet HTML 4Page - EPCOS B5116 Datasheet HTML 5Page - EPCOS B5116 Datasheet HTML 6Page - EPCOS B5116 Datasheet HTML 7Page - EPCOS B5116 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
May 18, 2009
B5116
751.50 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
–25 to 85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
751.50
—
MHz
Maximum insertion attenuation
α
max
fC ± 5.5 MHz
—
1.5
2.2
dB
Amplitude ripple (p-p)
∆α
fC ± 5.5 MHz
—
0.5
1.2
dB
Group delay ripple (p-p)
∆τ
fC ± 5.5 MHz
—
48
70
ns
Mean value of absolute group delay
τ
fC ± 5.5 MHz
0
35
70
ns
Return loss
fC ± 5.5 MHz
10
13
—
dB
Attenuation
α
776 MHz ... 787 MHz
15
30
—
dB
788 MHz ... 805 MHz
25
30
—
dB
806 MHz ... 849 MHz
25
38
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com