Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSM1108 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLSM1108
Description  Panel Circuit Indicator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSM1108 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLSM1108 Datasheet HTML 1Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 2Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 3Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 4Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 5Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 6Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 7Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 8Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TL(RM,RMM,SM,OM,YM)1108(T11)
2010-01-29
3
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ.
Max
IF
Available Iv rank
Please see Note 2
TLRM1108
630
1300
3200
50
VA / WA / XA
TLRMM1108
630
1600
3200
50
VA / WA / XA
TLSM1108
1000
2400
5000
50
WA / XA / YA
TLOM1108
1000
2500
5000
50
WA / XA / YA
TLYM1108
1000
2200
5000
50
WA / XA / YA
Unit
mcd
mcd
mcd
mA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV
Rank
Min
Max
VA
630
1250
WA
1000
2000
XA
1600
3200
YA
2500
5000
Unit
mcd
mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
Δλ
Dominant Wavelength
λd
Product Name
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLRM1108
⎯
644
⎯
14
624
630
638
TLRMM1108
⎯
636
⎯
14
620
626
634
TLSM1108
⎯
623
⎯
14
607
613
621
TLOM1108
⎯
612
⎯
14
599
605
613
TLYM1108
⎯
592
⎯
13
583
590
595
50
Unit
nm
nm
nm
mA
Handling precautions
• This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor, optical communication and etc) except general display light source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com