Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9MP Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9MP
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9MP Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9MP Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 160 page
background image
Parallel Input/Output (I/O) Ports
Port A
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Parallel Input/Output (I/O) Ports
83
7.3 Port A
Port A is an 8-bit general-purpose I/O port.
7.3.1 Port A Data Register (PORTA)
The port A data register contains a latch for each of the eight port A pins.
PA[7:0] — Port A Data Bits
These read/write bits are software programmable. Data direction of
each port A pin is under the control of the corresponding bit in data
direction register A. Reset has no effect on port A data.
7.3.2 Data Direction Register A (DDRA)
Data direction register A determines whether each port A pin is an input
or an output.
DDRA[7:0] — Data Direction Register A Bits
These read/write bits control port A data direction. Reset clears
DDRA[7:0], configuring all eight port A pins as inputs.
1 = Corresponding port A pin configured as output
0 = Corresponding port A pin configured as input
$0000
Bit 7
6
54321
Bit 0
Read:
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Write:
Reset:
Unaffected by reset
Figure 7-2. Port A Data Register (PORTA)
$0004
Bit 7
6
54321
Bit 0
Read:
DDRA7
DDRA6
DDRA5
DDRA4
DDRA3
DDRA2
DDRA1
DDRA0
Write:
Reset:
00
000000
Figure 7-3. Data Direction Register A (DDRA)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com