Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTC007 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TTC007
Description  Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC007 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TTC007 Datasheet HTML 1Page - Toshiba Semiconductor TTC007 Datasheet HTML 2Page - Toshiba Semiconductor TTC007 Datasheet HTML 3Page - Toshiba Semiconductor TTC007 Datasheet HTML 4Page - Toshiba Semiconductor TTC007 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TTC007
2010-02-08
2
Electrical Characteristics (Ta = 25℃)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 100 V, IE = 0
―
―
100
nA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
―
―
100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
50
―
―
V
hFE (1)
VCE = 2 V, IC = 0.1 A
400
―
1000
DC current gain
hFE (2)
VCE = 2 V, IC = 0.3 A
200
―
―
-
Collector-emitter saturation voltage
VCE (sat)
IC = 0.3 A, IB = 6 mA
―
―
0.12
V
Base-emitter saturation voltage
VBE (sat)
IC = 0.3 A, IB = 6 mA
―
―
1.1
V
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1MHz
―
5
―
pF
Rise time
tr
―
35
―
Storage time
tstg
―
680
―
Switching time
Fall time
tf
See Figure 1
VCC = 30 V, RL = 100 Ω
IB1 = IB2 = 10 mA
―
85
―
ns
Marking
Figure 1. Switching Time Test Circuit
Part No. (or abbreviation code)
Lot code (month)
Lot code (year)
Dot: even year
No Dot: odd year
W G
IB2
IB1
20
μs
Output
Input
IB2
IB1
VCC
Duty cycle
< 1%
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com