Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF86S Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SF86S
Description  GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF86S Datasheet(HTML) 1 Page - Rectron Semiconductor

  SF86S Datasheet HTML 1Page - Rectron Semiconductor SF86S Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* Super fast switching speed
* High reliability
* Good for switching mode circuit
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: D2PAK molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 2.2 grams
SF81S
THRU
SF86S
D2PAK
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR =- 0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Suffix “R” for Reverse Polarity.
Dimensions in inches and (millimeters)
2001-4
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = 100
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
100
Volts
Volts
Amps
300
8.0
125
3
50
Amps
0C/ W
0 C
150
Operating and Storage Temperature Range
R
θJC
IO
-65 to + 150
pF
SF81S
SF83S
SF85S
SF82S
SF84S
200
400
SF86S
50
100
300
150
200
400
50
70
210
105
140
280
35
Volts
30
CHARACTERISTICS
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
nSec
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
10
35
@TC = 100
oC
@TC = 25
oC
trr
1.0
1.35
500
50
UNITS
SF81S
SF83S
SF85S
SF82S
SF84S
SF86S
.401 (10.19)
.399 (10.13)
.185 (4.70)
.177 (4.50)
.051 (1.29)
.049 (1.25)
.015 (0.381)
.052 (1.32)
.048 (1.22)
.200 (5.08)
.032 (0.81)


Similar Part No. - SF86S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF86S RECTRON-SF86S Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 8.0 Amperes
2002-12
More results

Similar Description - SF86S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF161A RECTRON-SF161A Datasheet
26Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16 Amperes)
SF21 RECTRON-SF21 Datasheet
275Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Amperes)
SF301C RECTRON-SF301C Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 30 Amperes)
SF31 RECTRON-SF31 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 3.0 Amperes)
SF51 RECTRON-SF51 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes)
SF81 RECTRON-SF81 Datasheet
24Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
USF81 RECTRON-USF81 Datasheet
33Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 8.0 Amperes
SF81K RECTRON-SF81K Datasheet
197Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 8.0 Amperes
SF81S RECTRON-SF81S_V01 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 8.0 Amperes
2002-12
SF81 RECTRON-SF81_V01 Datasheet
354Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 8.0 Amperes
2018-07 REV: D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com