Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSF1 Datasheet(PDF) 2 Page - Schurter Inc.

Part # GSF1
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSF1 Datasheet(HTML) 2 Page - Schurter Inc.

  GSF1 Datasheet HTML 1Page - Schurter Inc. GSF1 Datasheet HTML 2Page - Schurter Inc. GSF1 Datasheet HTML 3Page - Schurter Inc. GSF1 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

Power entry modules without line filter
GSF
www.schurter.com/pg05
Connectors
27.5
27
A = 6 mm for standard versions
A = 5 mm for pick and place versions
27.7
max. R2
±0.1
for sandwich mounting
Drilling diagrams
without fuseholder
27
1.6
18.1
1.4
D1
with 1-pole fuseholder
27
1.6
12.7
9.05
1.4
D1
with 2-pole fuseholder
27
1.6
25.4
1.4
D1
Pick and Place versions
without / with 1-pole or
2-pole fuseholder
2.3
2.3
1.6
25.4
1.4
3.5
5.8
26.7
1.6
1.6
±0.10
±0.10
±0.05
±0.05
1* only for protection class II
Derating Curves
1-pole
0
20
40
60
80
100
1.5
1.0
0.5
0.0
2.5
3.15
2.0
I = << In
I = 0.7 In
I = 1.0 In
Ambient Air Temperature Ta °C
2-pole
1.5
1.0
0.5
0.0
2.5
2.0
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient Air Temperature Ta °C
Variants
Mounting side
Panel mounting
Panel Thickness
s [mm]
Fuseholder
Ground terminal 4.8
x 0.8 mm
Ground terminal direction
Packaging
Order Number
Sandwich
Screw
1.5
-
l
angled to pin axis
-
GSF1.0002.31
Sandwich
Screw
1.5
-
l
straight
-
GSF1.0001.31
Sandwich
Screw
2
-
l
angled to pin axis
-
GSF1.0002.41
Sandwich
Screw
2
-
l
straight
-
GSF1.0001.41
Sandwich
Screw
2.5
-
l
angled to pin axis
-
GSF1.0002.51
Sandwich
Screw
2.5
-
l
straight
-
GSF1.0001.51
Sandwich
Screw
3
-
l
angled to pin axis
-
GSF1.0002.61
Sandwich
Screw
3
-
l
straight
-
GSF1.0001.61
Sandwich
Screw
1.5
1-pole
l
angled to pin axis
-
GSF1.1002.31
Sandwich
Screw
1.5
1-pole
l
straight
-
GSF1.1001.31
Sandwich
Screw
2
1-pole
l
angled to pin axis
-
GSF1.1002.41
Sandwich
Screw
2
1-pole
l
straight
-
GSF1.1001.41
Sandwich
Screw
2.5
1-pole
l
angled to pin axis
-
GSF1.1002.51
Sandwich
Screw
2.5
1-pole
l
straight
-
GSF1.1001.51
Sandwich
Screw
3
1-pole
l
angled to pin axis
-
GSF1.1002.61



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com