Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7829 Datasheet(PDF) 2 Page - EPCOS

Part # B7829
Description  Low-Loss Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7829 Datasheet(HTML) 2 Page - EPCOS

  B7829 Datasheet HTML 1Page - EPCOS B7829 Datasheet HTML 2Page - EPCOS B7829 Datasheet HTML 3Page - EPCOS B7829 Datasheet HTML 4Page - EPCOS B7829 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Jul 13, 2004
SAW Components
B7829
1575,42 MHz
Low-Loss Filter
Data Sheet
Chip Sized SAW Package
2
4
5
3
0,075
2,0
bottom view
side view
top view
0.735
0,38
Pin configuration
4
Input, unbalanced
1
Output, unbalanced
2,5
Case ground
3
To be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7829
B39162-B7829-C710
C61157-A7-A82
F61074-V8151-Z000
Maximum ratings
Operable temperature range
T
– 40/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
3V
ESD voltage
VESD1)
1) acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses
50
V
Machine Model , 10 pulses
Input power max.
1573,42 ... 1577,42 MHz
50,0...1460 MHz
1910 ... 4000 MHz
PIN
PIN
PIN
3
15
15
dBm
dBm
dBm
source and load impedance 50
Ω
continuous wave signal
824 ... 915 MHz
PIN
23
dBm
1710 ... 1910 MHz
PIN
25
dBm
Features
q
Low loss RF filter for GPS receivers
q
Unbalanced to unbalanced operation
q
Low amplitude ripple
q
Package for Surface Mounted Technology (SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,007 g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com