Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSMF25G18GP-R5MAS1C1A-D Datasheet(PDF) 3 Page - OptoSupply International

Part # OSMF25G18GP-R5MAS1C1A-D
Description  LED Ribbon Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSMF25G18GP-R5MAS1C1A-D Datasheet(HTML) 3 Page - OptoSupply International

  OSMF25G18GP-R5MAS1C1A-D Datasheet HTML 1Page - OptoSupply International OSMF25G18GP-R5MAS1C1A-D Datasheet HTML 2Page - OptoSupply International OSMF25G18GP-R5MAS1C1A-D Datasheet HTML 3Page - OptoSupply International OSMF25G18GP-R5MAS1C1A-D Datasheet HTML 4Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Model No.
OSMF25G18GP-
XXXXS1C1A-D
REV.
C2
Product Dimensions:
1
DC 12V
-
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com