Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSMW05C12GP-R5PTS4C1A-A Datasheet(PDF) 3 Page - OptoSupply International

Part # OSMW05C12GP-R5PTS4C1A-A
Description  LED Light Strip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSMW05C12GP-R5PTS4C1A-A Datasheet(HTML) 3 Page - OptoSupply International

  OSMW05C12GP-R5PTS4C1A-A Datasheet HTML 1Page - OptoSupply International OSMW05C12GP-R5PTS4C1A-A Datasheet HTML 2Page - OptoSupply International OSMW05C12GP-R5PTS4C1A-A Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Product Dimensions:
1
TOP
bottom
side
-
B
-
G
-
R
+
+
DC 12V
VDD+
-
VDD+
-
-
- - -
Model No.
OSMW05C12GP-
XXXXS4C1A-A
REV.
C2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com