Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SUSB Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # SUSB
Description  Single and Dual Stacked USB Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

SUSB Datasheet(HTML) 1 Page - Switchcraft, Inc.

  SUSB Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CONNECTORS PRODUCTBULLETIN 528
Single and Dual Stacked
USB Connectors
SUSB & DUSB Series
5555 North Elston Avenue
/
Chicago, IL 60630
Phone: 773-792-2700
/
Fax :773-792-2129
Part Number
Description
SUSB
Single USB Connector
DUSB
Dual Stacked USB Connector
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m


Similar Part No. - SUSB

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
SUS-0505-2 POWER-SYSTEMS-SUS-0505-2 Datasheet
217Kb / 6P
DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
SUS-0509-1 POWER-SYSTEMS-SUS-0509-1 Datasheet
217Kb / 6P
DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
SUS-0509-2 POWER-SYSTEMS-SUS-0509-2 Datasheet
217Kb / 6P
DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
SUS-0512-1 POWER-SYSTEMS-SUS-0512-1 Datasheet
217Kb / 6P
DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
More results

Similar Description - SUSB

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFATM2-USBXU-2 XFMRS-XFATM2-USBXU-2 Datasheet
89Kb / 3P
Stacked USB COMBO
XFATM9-USBXU-4 XFMRS-XFATM9-USBXU-4 Datasheet
90Kb / 3P
STACKED USB COMBO
XFATM9-USBXU-4 XFMRS-XFATM9-USBXU-4_11 Datasheet
163Kb / 3P
STACKED USB COMBO
XFATM2-USBXU-2 XFMRS-XFATM2-USBXU-2_15 Datasheet
89Kb / 3P
Stacked USB COMBO
XFATM9L-USBXU-4 XFMRS-XFATM9L-USBXU-4_15 Datasheet
144Kb / 3P
STACKED USB COMBO
XFATM9-USBXU-4 XFMRS-XFATM9-USBXU-4_15 Datasheet
163Kb / 3P
STACKED USB COMBO
XFATM2C-USBXU-2 XFMRS-XFATM2C-USBXU-2 Datasheet
94Kb / 3P
STACKED USB COMBO
XFATM6AC-USBXU-2 XFMRS-XFATM6AC-USBXU-2 Datasheet
162Kb / 3P
STACKED USB COMBO
XFATM9A-USBXU-2 XFMRS-XFATM9A-USBXU-2 Datasheet
96Kb / 3P
STACKED USB COMBO
XFATM10P-USBXU-4 XFMRS-XFATM10P-USBXU-4 Datasheet
155Kb / 3P
STACKED USB COMBO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com