Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSMW38E20GJ-R5MAS1C1A-A Datasheet(PDF) 3 Page - OptoSupply International

Part # OSMW38E20GJ-R5MAS1C1A-A
Description  LED Light Strip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSMW38E20GJ-R5MAS1C1A-A Datasheet(HTML) 3 Page - OptoSupply International

  OSMW38E20GJ-R5MAS1C1A-A Datasheet HTML 1Page - OptoSupply International OSMW38E20GJ-R5MAS1C1A-A Datasheet HTML 2Page - OptoSupply International OSMW38E20GJ-R5MAS1C1A-A Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product Dimensions:
1
Model No.
OSMW38E20GJ-
XXXXS1C1A-A
REV.
C2
EINZELHEIT B
EINZELHEIT A
Circuit No.1
Note: All Circuits switched to GND
from the controller board.
12 V
Circuit 4
Circuit 3
Circuit 2
Circuit 1
PIN 5
PIN 4
PIN 3
PIN 2
PIN 1
PINOUT
JST PA FAMILY SERIES
TYP: B05B-PASK
TOP ENTRY TYPE
4
3
4
3
4
3
4
3
4
3
2
1
2
1
2
1
2
1
2
1
Unit:mm
Tolerance:± 1mm
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com