Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B25655 Datasheet(PDF) 2 Page - EPCOS

Part # B25655
Description  PCC series for Mild HEV HybridPACK??
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25655 Datasheet(HTML) 2 Page - EPCOS

  B25655 Datasheet HTML 1Page - EPCOS B25655 Datasheet HTML 2Page - EPCOS B25655 Datasheet HTML 3Page - EPCOS B25655 Datasheet HTML 4Page - EPCOS B25655 Datasheet HTML 5Page - EPCOS B25655 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Film capacitors – Power electronic capacitors
B25655J4307K**1
PCC series for Mild HEV HybridPACK™1
B25655
Preliminary data
FK PC OH PCC
October 2009
Please read Cautions and warnings and
Page 2 of 6
Important notes at the end of this document.
Characteristics
CR
300 µF ±10%
VR
450 V DC
WR
30 Ws
Imax
80 A
Lself
25 nH
tan
0
2 · 10
-4
Rs
0.8 m
Maximum ratings
Vs
600 V
î
1.2 kA
Is
4.8 kA
(dV/dt)max
4 V/µs
(dV/dt)s
16 V/µs
Test data
VTT
675 V DC, 10 s
Rins C
≥ 10000 s
tan
(50 Hz) ≤ 8 · 10-4
Climatic category
40/110/21 (IEC 68-1/2)
Tmin
–40 °C
Tmax
+110 °C
Design data
Humidity
Max. relative
Dimensions l × w × h
140 mm × 72 mm × 50 mm
humidity
≤ 95%
Approx. weight
750 g
Tstg
–45 … +110 °C
Impregnation
Resin filled
Values after Test Ca, IEC 68-2
(21 days, 40°C, 93% rel. humidity)
Terminals
Flat copper
C/C
≤ 5%
tan 
≤ 4 · 10-4
Creepage distance
9 mm
Rins ·C
≥ 3000 s
Clearance
9 mm
Mean life expectancy
Plastic case
tLD
15 000 h
FQ
300 fit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com