Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z90 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # Z90
Description  ZENER SILICON RETIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

Z90 Datasheet(HTML) 2 Page - Rectron Semiconductor

  Z90 Datasheet HTML 1Page - Rectron Semiconductor Z90 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Ta=25oC)
E
P
Y
T
R
E
N
E
Z
E
G
A
T
L
O
V
)
V
(
z
V(
t
z
I
@)
A
m
R
E
N
E
Z
X
A
M
E
C
N
A
D
E
P
M
I
)
A
m
(
t
z
I
@
)
s
m
h
o
(
z
R
R
E
N
E
Z
X
A
M
E
C
N
A
D
E
P
M
I
)
A
m
(
k
z
I
@
)
s
m
h
o
(
k
z
R
M
U
M
I
X
A
M
E
S
R
E
V
E
R
T
N
E
R
R
U
C
)
A
u
(
R
I
)
V
(
R
V
@
M
U
M
I
X
A
M
D
R
A
W
R
O
F
E
G
A
T
L
O
V
A
0
.
1
=
F
I
0
9
1
Z3
.
1
0
9
13
.
1
0
0
5
15
2
.
0
0
0
5
75
.
0
0
5
10
.
1
0
0
2
Z2
.
1
0
0
22
.
1
0
0
7
15
2
.
0
0
0
0
85
.
0
0
6
10
.
1
0
2
2
Z1
.
1
0
2
21
.
1
0
0
0
25
2
.
0
0
5
2
85
.
0
0
7
10
.
1
0
4
2
Z0
.
1
0
4
20
.
1
0
0
2
25
2
.
0
0
0
5
85
.
0
0
8
10
.
1
0
7
2
Z9
.
0
0
7
29
.
0
0
0
5
25
2
.
0
0
5
7
85
.
0
0
0
20
.
1
0
0
3
Z8
.
0
0
0
38
.
0
0
0
0
35
2
.
0
0
0
0
95
.
0
0
2
20
.
1
0
3
3
Z5
7
.
0
0
3
35
7
.
0
0
0
0
45
2
.
0
0
0
5
95
.
0
0
4
20
.
1
NOTE: Standard tolerance: +-20%, Suffix “A”: +-10%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com