Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OST08WG01GD-R5RUT8E1A Datasheet(PDF) 2 Page - OptoSupply International

Part # OST08WG01GD-R5RUT8E1A
Description  T08 Flat AUTO LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OST08WG01GD-R5RUT8E1A Datasheet(HTML) 2 Page - OptoSupply International

  OST08WG01GD-R5RUT8E1A Datasheet HTML 1Page - OptoSupply International OST08WG01GD-R5RUT8E1A Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Device Selection Guide
1
Module No.
Color
Wavelength
(Typ.)
Intensity / Per
LED
(Typ.)
Overall
luminous flux
R5RUT8E1A
Red
625 nm
420mcd
1.0lm
G5DUT8E1A
Green
525 nm
3100mcd
3.5lm
B5YUT8E1A
Blue
470 nm
770mcd
0.6lm
Y5RUT8E1A
Yellow
590 nm
420mcd
1.0lm
W5YKT8E1A
White
X=0.27,Y=0.28
1500mcd
3.0lm
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating supply range(DC)
Vidc
16
V
Input Current (DC)
Ii
30
mA
Power Dissipation
Pa
0.48
W
Operating Temperature
Tope
-10 ~ +40
DegC
Storage Temperature
Tstg
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
0.24
0.48
w
Input Voltage(DC)
Vi
-
12
16
V
Product input Current
If
-
20
30
mA
Beam Pattern
BP
-
140
-
Deg
Total diameter of PCB
Lmod.
-
22.5
-
mm
Net Weight
Wei.
---
1.0
---
g
Model No.
OST08WG01GD-
XXXXT8E1A
REV.
C1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com