Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFS Datasheet(PDF) 2 Page - Schurter Inc.

Part # KFS
Description  IEC Appliance Inlet C14 with Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KFS Datasheet(HTML) 2 Page - Schurter Inc.

  KFS Datasheet HTML 1Page - Schurter Inc. KFS Datasheet HTML 2Page - Schurter Inc. KFS Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Power Entry Modules with Line Filter
KFS
www.schurter.com/pg06
EMC Products
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
1
Standard Version
2 x 10
47
2.2
2
Standard Version
2 x 4
47
2.2
4
Standard Version
2 x 1.5
47
2.2
6
Standard Version
2 x 0.8
47
2.2
10
Standard Version
2 x 0.3
47
2.2
Diagrams
Standard version
1) Line
2) Load
Attenuation Loss
----differentialmode_____commonmode
Standardversion
1 A
2 A
4 A
6 A
10 A
Variants
Type
Rated Current
[A]
Filter-Type
CX Class
Order Number
KFS
1
Standard Version
X2
4300.5051
KFS
2
Standard Version
X2
4300.5052
KFS
4
Standard Version
X2
4300.5053
KFS
6
Standard Version
X2
4300.5054
KFS
10
Standard Version
X2
4300.5055
Packaging unit
10Pcs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com