Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2043PCBA Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2043PCBA
Description  GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2043PCBA Datasheet(HTML) 5 Page - RF Micro Devices

  RF2043PCBA Datasheet HTML 1Page - RF Micro Devices RF2043PCBA Datasheet HTML 2Page - RF Micro Devices RF2043PCBA Datasheet HTML 3Page - RF Micro Devices RF2043PCBA Datasheet HTML 4Page - RF Micro Devices RF2043PCBA Datasheet HTML 5Page - RF Micro Devices RF2043PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4-5
RF2043
Rev A4 010110
4
Gain versus Frequency Across Temperature
ICC =70 mA
8.00
9.00
10.00
11.00
12.00
13.00
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40 C
26 C
85 C
Output P1dB versus Frequency Across Temperature
ICC =70 mA
10.00
11.00
12.00
13.00
14.00
15.00
16.00
17.00
18.00
19.00
20.00
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40 C
26 C
85 C
Output IP3 versus Frequency Across Temperature
ICC =70 mA
20.00
22.00
24.00
26.00
28.00
30.00
32.00
34.00
36.00
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40 C
26 C
85 C
Noise Figure versus Frequency Across Temperature
ICC =70 mA
5.00
6.00
7.00
8.00
9.00
10.00
11.00
12.00
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40 C
26 C
85 C
Input VSWR versus Frequency Across Temperature
ICC =70 mA
1.00
1.50
2.00
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40 C
26 C
85 C
Output VSWR versus Frequency Across Temperature
ICC =70 mA
1.00
1.50
2.00
2.50
3.00
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40 C
26 C
85 C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com