Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68SC302ADS Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # M68SC302ADS
Description  Passive ISDN Protocol Engine
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68SC302ADS Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  M68SC302ADS Datasheet HTML 1Page - Freescale Semiconductor, Inc M68SC302ADS Datasheet HTML 2Page - Freescale Semiconductor, Inc M68SC302ADS Datasheet HTML 3Page - Freescale Semiconductor, Inc M68SC302ADS Datasheet HTML 4Page - Freescale Semiconductor, Inc M68SC302ADS Datasheet HTML 5Page - Freescale Semiconductor, Inc M68SC302ADS Datasheet HTML 6Page - Freescale Semiconductor, Inc M68SC302ADS Datasheet HTML 7Page - Freescale Semiconductor, Inc M68SC302ADS Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC68SC302 PRODUCT INFORMATION
• Other System Integration Features
— Gluelessly Connects to Serial E2PROM via SCP Port for PNP ISA ID and CIS Storage.
— 25XXX Series or 93XX Series E2PROMs Supported.
— Flexible Pin Configuration Allows Trade-Offs between 16-Bit Wide ISA/PC Card Interface and Extra
I/O Pins.
• Up to 16 Parallel I/O Pins for Controlling Other Functions.
— On-Chip Interrupt Controller
• 8 Internal Interrupt Sources
• 7 External Pin Sources for External Devices.
— 2 Low-Power Modes
• Wait - Oscillator Keeps Running ~5 mA
• Stop - Oscillator Stops - <100uA
— Operating Speed: 0-20.48 Mhz
— Operating Voltage: 5V
— 100 pin TQFP (14mm x 14mm)
MC68SC302 OVERVIEW
The block diagram for the MC68SC302 is shown in Figure 1. The MC68SC302 architecture is based on a
microcoded RISC communications processor that services the three main high speed serial channels (SCC),
two serial management channels (SMC) and a serial communications port (SCP). The three SCC channels
support simultaneous operation of the three channels specified by the ISDN basic rate interface (2B+D). Each
SCC can support onboard HDLC processing as well as totally transparent operation. The dual-port RAM
provides 1536 bytes of memory. A maximum of 1280 bytes can be allocated for serial channel buffer space,
which, when allocated evenly for a basic rate interface, allows 256 bytes per B channel per direction and 64
bytes per direction for the D channel. This provides 32msec worth of basic rate data to be stored in the buffers,
allowing ample interrupt latency time for host platform operating systems. The IDL or GCI interface provides
direct connection to the Freescale MC145572 U interface transceiver, the MC145574 S/T interface transceiver,
and other popular ISDN transceivers. A non-multiplexed serial interface (NMSI) is also provided for SCC2.
The MC68SC302 has an ISA Plug and Play interface which supports the ISA Plug and Play specification
version 1.0a. The ISA bus interface can be configured for either I/O mode accesses or memory mode
accesses. The ISA interface can be either an 8- or 16-bit wide data bus allowing pin usage trade-offs to be
made. I/O mode accesses are based on a self-incrementing pointer, allowing the PC to write or read data from
a fixed ISA I/O address. Memory mode access allows the PC to write or read data into a predefined ISA
window. In addition to supporting access to the internal MC68SC302 register and memory map, an additional
chip-select is provided for an external device, and can be programmed for either memory or I/O and either 8
or 16 bit bus independent of internal space.
The MC68SC302 can also be configured to provide a PC Card interface based on the PC Card 95
specification. Either 8- or 16-bit wide memory cards can be implemented. There are two options available for
supporting the Card Information Structure (CIS): 1)The CIS can be stored in external serial EEPROM which is
downloaded on reset into the Dual Port RAM (DPRAM) space. 2) To save DPRAM space, the CIS can be
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com