Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OST15WG05GD-R5RU5471D Datasheet(PDF) 1 Page - OptoSupply International

Part # OST15WG05GD-R5RU5471D
Description  T15-05LAMPS AUTO LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OST15WG05GD-R5RU5471D Datasheet(HTML) 1 Page - OptoSupply International

  OST15WG05GD-R5RU5471D Datasheet HTML 1Page - OptoSupply International OST15WG05GD-R5RU5471D Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
T15-05LAMPS AUTO LED
Descriptions:
1
• Green light source, fast response
• Long life, easy installation
• Voltages available 12VDC
• LED model number: XXXX5471D
Features:
1
• Available in red, white and more
• Shape variable LED
• High temperature and environmental protection PA material for lamp holder
• Low power consumption
• Energy saving
• no stroboflash, no radiation
• Long life
Application:
1
• Width-indicator Lamp
• Signal Light
Product Picture and Dimensions:
Model No.
OST15WG05GD-
XXXX5471D
REV.
C1
Unit:mm


Similar Part No. - OST15WG05GD-R5RU5471D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OST15WG05GD-XXXX5471D OPTOSUPPLY-OST15WG05GD-XXXX5471D Datasheet
1Mb / 2P
T15-05LAMPS AUTO LED
More results

Similar Description - OST15WG05GD-R5RU5471D

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
RIRC-C1-50A AAC-RIRC-C1-50A Datasheet
87Kb / 1P
Auto Focus/Auto Iris Infrared LED Camera
logo
OptoSupply Internationa...
OST05WG01GD-R5RUT531B OPTOSUPPLY-OST05WG01GD-R5RUT531B Datasheet
1Mb / 2P
T5 Round AUTO LED
OST10WG01GD-W473S4C1A OPTOSUPPLY-OST10WG01GD-W473S4C1A Datasheet
943Kb / 1P
T10 AUTO LED
OST08WG01GD-XXXXT8C1A OPTOSUPPLY-OST08WG01GD-XXXXT8C1A Datasheet
1Mb / 2P
T08 Concave AUTO LED
OST08WG01GD-XXXXT8E1A OPTOSUPPLY-OST08WG01GD-XXXXT8E1A Datasheet
1Mb / 2P
T08 Flat AUTO LED
OST10AB01GD-XX43S4C1A OPTOSUPPLY-OST10AB01GD-XX43S4C1A Datasheet
1Mb / 2P
T10 1LED AUTO LED
OST15WG05GD-XXXX5471D OPTOSUPPLY-OST15WG05GD-XXXX5471D Datasheet
1Mb / 2P
T15-05LAMPS AUTO LED
OST25FS12GD-XXXX5F71B OPTOSUPPLY-OST25FS12GD-XXXX5F71B Datasheet
41Kb / 2P
T25-12LAMPS AUTO LED
OST25US12GD-XXXX5F71B OPTOSUPPLY-OST25US12GD-XXXX5F71B Datasheet
40Kb / 2P
T25-12LAMPS AUTO LED
logo
Shanghai Cyanlite Techn...
PS22W213 CYANLITE-PS22W213 Datasheet
1,010Kb / 6P
Sidelite LED Panel Lights for T15/T24 Lay-On Ceilings
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com