Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2103PPCBA Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2103PPCBA
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2103PPCBA Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2103PPCBA Datasheet HTML 2Page - RF Micro Devices RF2103PPCBA Datasheet HTML 3Page - RF Micro Devices RF2103PPCBA Datasheet HTML 4Page - RF Micro Devices RF2103PPCBA Datasheet HTML 5Page - RF Micro Devices RF2103PPCBA Datasheet HTML 6Page - RF Micro Devices RF2103PPCBA Datasheet HTML 7Page - RF Micro Devices RF2103PPCBA Datasheet HTML 8Page - RF Micro Devices RF2103PPCBA Datasheet HTML 9Page - RF Micro Devices RF2103PPCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2-10
RF2103P
Rev B1 010720
2
Psat vs. Vcc
Vb=Vcc; Vb
≤≤≤≤5.0 V, 915 MHz
0
5
10
15
20
25
30
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Vcc (Volts)
Vb Required to Achieve Specific Pout
(Vb<5.0 V, 915 MHz)
0
1
2
3
4
5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Vcc (Volts)
27dBm
24dBm
21dBm
18dBm
15dBm
Two Tone Pout vs. Pin,
915 MHz
0
5
10
15
20
25
30
35
-25
-20
-15
-10
-5
0
5
Pin, per Tone (dBm)
Vcc=Vb=3.6V
Vcc=Vb=4.8V
Vcc=6.0V, Vb=5.0V
Two Tone Efficiency and Icc vs. Pout,
915 MHz
0
20
40
60
80
100
0
5
10
15
20
25
30
Pout, per Tone (dBm)
10
60
110
160
210
260
Eff (Vcc=Vb=3.6V)
Eff (Vcc=Vb=4.8V)
Eff (Vcc=6.0V, Vb=5.0V)
Icc (Vcc=Vb=3.6V)
Icc (Vcc=Vb=4.8V)
Icc (Vcc=6.0V, Vb=5.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com