Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFDF Datasheet(PDF) 2 Page - Schurter Inc.

Part # PFDF
Description  Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFDF Datasheet(HTML) 2 Page - Schurter Inc.

  PFDF Datasheet HTML 1Page - Schurter Inc. PFDF Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

Resettable Fuses
PFDF
www.schurter.com/pg0_
Fuses
Thermal Derating Chart Ihold [A]
Order Number
-40 °C
-0 °C
0 °C
3 °C
40 °C
50 °C
60 °C
70 °C
85 °C
Order Number
PFDF.050.2
0.86
0.77
0.7
0.55
0.48
0.43
0.38
0.36
0.26
PFDF.050.2
Electrical Characteristics at 3 °C
V max [VDC]
I max [A]
I hold [A]
I trip [A]
R initial min
[
Ω]
R hour max
[
Ω]
Max Time to
trip [A]
Max Time to
Trip [s]
Tripped Power
Dissipation [W]
Order Number
60.0
10
0.55
1.2
0.2
1
2.5
3
1.00
PFDF.050.2
Packaging Unit
BlisterTape36cmReel(3000pcs.)
Time-Current-Curves
1
0.001
0.01
0.1
10
100
1000
0.1
10
1
100
PFDF.050.2
Fault Current in Amperes
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com