Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFHT Datasheet(PDF) 2 Page - Schurter Inc.

Part # PFHT
Description  Surface Mount Fuse, PTC, 2029 or 3425 footprint, 16 VDC, up to 125 째C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFHT Datasheet(HTML) 2 Page - Schurter Inc.

  PFHT Datasheet HTML 1Page - Schurter Inc. PFHT Datasheet HTML 2Page - Schurter Inc. PFHT Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Resettable Fuses
PFHT
www.schurter.com/pg0_
Fuses
10.7
2.3
2.3
Solder pads PFHT.160.2
Dimensions
Order Number
A min
[mm]
A max
[mm]
B max
[mm]
C max
[mm]
D min
[mm]
D max
[mm]
E min
[mm]
E max
[mm]
F min
[mm]
F max
[mm]
G min
[mm]
G max
[mm]
H min
[mm]
Order Number
PFHT.136.2
6.73
7.98
3
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFHT.136.2
PFHT.160.2
8
9.5
3
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
PFHT.160.2
Thermal Derating Chart Ihold [A]
Order Number
-40 °C
-0 °C
0 °C
3 °C
40 °C
50 °C
60 °C
70 °C
85 °C
5 °C
Order Number
PFHT.136.2
1.91
1.72
1.54
1.36
1.18
1.09
1
0.91
0.77
0.4
PFHT.136.2
PFHT.160.2
2.15
1.96
1.78
1.6
1.42
1.33
1.24
1.15
1.02
0.64
PFHT.160.2
Electrical Characteristics at 3 °C
V max [VDC]
I max [A]
I hold [A]
I trip [A]
R initial min
[
Ω]
R hour max
[
Ω]
Max Time to
trip [A]
Max Time to
Trip [s]
Tripped Power
Dissipation [W]
Order Number
16.0
100
1.36
2.72
0.104
0.3
8
10
2.10
PFHT.136.2
16.0
100
1.6
3.2
0.05
0.15
8
10
2.10
PFHT.160.2
Packaging Unit
PFHT.136.2
BlisterTape36cmReel(2000pcs.)
PFHT.160.2
BlisterTape36cmReel(1500pcs.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com