Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD-FST Datasheet(PDF) 1 Page - Schurter Inc.

Part # SMD-FST
Description  Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SMD-FST Datasheet(HTML) 1 Page - Schurter Inc.

  SMD-FST Datasheet HTML 1Page - Schurter Inc. SMD-FST Datasheet HTML 2Page - Schurter Inc. SMD-FST Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Non resettable fuses
SMD-FST
www.schurter.com/pg0_2
Fuses
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
IEC 60127-2 · 250VAC · Time-Lag T
Description
-Directlysolderableonprintedcircuitboards
-L=LowBreakingCapacity
-Forratedcurrent1Ato16A,SMD-SPTisrecommended
Standards
-IEC60127-2/3
-UL248-14
-CSAC22.2no.248.14
Approvals
-VDELicenseNumber:40011522
-ULFileNumber:E41599
Applications
-PrimaryProtectiononSMDPCB
References
GeneralProductInformation
PackagingDetails
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
250VAC
RatedCurrent
0.05-20A
BreakingCapacity
35A-125A
Characteristic
Time-LagT
Mounting
PCB,SMT
AdmissibleAmbientAirTemp. -55°Cto125°C
ClimaticCategory
55/125/21acc.toIEC60068-1
Material:Housing
Glass
Material:Terminals
Gold-PlatedCopperAlloy
UnitWeight
1.05g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Current,Voltage,Characteristic,
BreakingCapacity
SolderingMethods
Reflow
Solderability
245°C/3secacc.toIEC60068-2-58,
TestTd
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-58,
TestTd
ResistancetoVibration
acc.toIEC60068-2-6,testFc
LoadHumidityTest
MIL-STD-202,Method103B
(1000h@0.1*In@0.85r.H.@85°C)
MoistureResistanceTest
MIL-STD-202,Method106E
(50cyclesinatemp./misterchamber)
TerminalStrength
MIL-STD-202,Method211A
(Deflectionofboard1mmfor1minute)
ThermalShock
MIL-STD-202,Method107D
(200air-to-aircyclesfrom-55to
+125°C)
CaseResistance
acc.toEIA/IS-722,Test4.7
>100M
Ω(betweenleedsandbody)
ResistancetoSolvents
MIL-STD-202,Method215A
Dimensions
20mm
 
10
20±0.5
±0.2
5.5
5.5
9.5
Soldering pads


Similar Part No. - SMD-FST

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SMD-FST SCHURTER-SMD-FST Datasheet
327Kb / 4P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
SMD-FST SCHURTER-SMD-FST_18 Datasheet
327Kb / 4P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
More results

Similar Description - SMD-FST

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
00343101 SCHURTER-00343101 Datasheet
362Kb / 3P
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
20100011 SCHURTER-20100011 Datasheet
285Kb / 2P
Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
SMD-FTT SCHURTER-SMD-FTT Datasheet
403Kb / 2P
Surface Mount Fuse, 5 x 20 mm, Super-Time-Lag TT, L, 250 VAC, Au plating
SMD-SPT SCHURTER-SMD-SPT Datasheet
439Kb / 3P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
SMD-FST SCHURTER-SMD-FST_18 Datasheet
327Kb / 4P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
SMD-FTT SCHURTER-SMD-FTT_18 Datasheet
283Kb / 4P
Surface Mount Fuse, 5 x 20 mm, Super-Time-Lag TT, L, 250 VAC, Au plating
SMD-SPT SCHURTER-SMD-SPT_18 Datasheet
297Kb / 4P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
FST5X20 SCHURTER-FST5X20_V01 Datasheet
349Kb / 4P
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
29.09.2021
FST5X20 SCHURTER-FST5X20_V02 Datasheet
349Kb / 4P
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com