Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OST18FS09GD-R5RUT831A Datasheet(PDF) 1 Page - OptoSupply International

Part # OST18FS09GD-R5RUT831A
Description  T18-09LAMPS AUTO LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OST18FS09GD-R5RUT831A Datasheet(HTML) 1 Page - OptoSupply International

  OST18FS09GD-R5RUT831A Datasheet HTML 1Page - OptoSupply International OST18FS09GD-R5RUT831A Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
T18-09LAMPS AUTO LED
Descriptions:
1
• Green light source, fast response
• Long life, easy installation
• Voltages available 12VDC
• LED model number: XXXXT531B
Features:
1
• Available in red, yellow, green, blue, white and more
• Low power consumption
• Energy saving
• no stroboflash, no radiation
• Long life
Application:
1
• Turn Light
• Brake Light
Product Picture and Dimensions:
Model No.
OST18FS09GD-
XXXXT531B
REV.
C1
Unit:mm


Similar Part No. - OST18FS09GD-R5RUT831A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OST18FS09GD-R5RUT831A OPTOSUPPLY-OST18FS09GD-R5RUT831A Datasheet
1Mb / 2P
T18-09LAMPS AUTO LED Green light source, fast response
More results

Similar Description - OST18FS09GD-R5RUT831A

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
RIRC-C1-50A AAC-RIRC-C1-50A Datasheet
87Kb / 1P
Auto Focus/Auto Iris Infrared LED Camera
logo
OptoSupply Internationa...
OST10WG01GD-W473S4C1A OPTOSUPPLY-OST10WG01GD-W473S4C1A Datasheet
943Kb / 1P
T10 AUTO LED
OST18FD09GD-R5RUT831A OPTOSUPPLY-OST18FD09GD-R5RUT831A Datasheet
1Mb / 2P
T18-09LAMPS AUTO LED
OST20WG09GD-R5RUT831A OPTOSUPPLY-OST20WG09GD-R5RUT831A Datasheet
1Mb / 2P
T18-09LAMPS AUTO LED Green light source, fast response
OST08WG01GD-XXXXT8C1A OPTOSUPPLY-OST08WG01GD-XXXXT8C1A Datasheet
1Mb / 2P
T08 Concave AUTO LED
OST08WG01GD-XXXXT8E1A OPTOSUPPLY-OST08WG01GD-XXXXT8E1A Datasheet
1Mb / 2P
T08 Flat AUTO LED
OST18FD09GD-XXXXT531B OPTOSUPPLY-OST18FD09GD-XXXXT531B Datasheet
1Mb / 2P
T18-09LAMPS AUTO LED
OST18FS09GD-XXXXT531B OPTOSUPPLY-OST18FS09GD-XXXXT531B Datasheet
1Mb / 2P
T18-09LAMPS AUTO LED
OST20WG09GD-XXXXT531B OPTOSUPPLY-OST20WG09GD-XXXXT531B Datasheet
1Mb / 2P
T20-09LAMPS AUTO LED
logo
Banner Engineering Corp...
T18 BANNER-T18 Datasheet
329Kb / 3P
T18 Series Sensors (AC Voltage)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com