Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ12002 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMZ12002
Description  2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ12002 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMZ12002 Datasheet HTML 1Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 2Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 3Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 4Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 5Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 6Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 7Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 8Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Simplified Application Schematic
30114701
Connection Diagram
30114709
Top View
7-Lead TO-PMOD
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LMZ12002TZ-ADJ
TO-PMOD-7
TZA07A
250 Units in Tape and Reel
LMZ12002TZX-ADJ
TO-PMOD-7
TZA07A
500 Units in Tape and Reel
LMZ12002TZE-ADJ
TO-PMOD-7
TZA07A
45 Units in a Rail
Pin Descriptions
Pin
Name
Description
1
VIN
Supply input — Nominal operating range is 4.5V to 20V . A small amount of internal capacitance is contained within
the package assembly. Additional external input capacitance is required between this pin and exposed pad.
2
RON
On Time Resistor — An external resistor from V
IN to this pin sets the on-time of the application. Typical values range
from 25k to 124k ohms.
3
EN
Enable — Input to the precision enable comparator. Rising threshold is 1.18V nominal; 90 mV hysteresis nominal.
Maximum recommended input level is 6.5V.
4
GND
Ground — Reference point for all stated voltages. Must be externally connected to EP.
5
SS
Soft-Start — An internal 8 µA current source charges an external capacitor to produce the soft-start function. This node
is discharged at 200 µA during disable, over-current, thermal shutdown and internal UVLO conditions.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com