Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2EUSB30 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPD2EUSB30
Description  2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2EUSB30 Datasheet(HTML) 4 Page - Texas Instruments

  TPD2EUSB30_2 Datasheet HTML 1Page - Texas Instruments TPD2EUSB30_2 Datasheet HTML 2Page - Texas Instruments TPD2EUSB30_2 Datasheet HTML 3Page - Texas Instruments TPD2EUSB30_2 Datasheet HTML 4Page - Texas Instruments TPD2EUSB30_2 Datasheet HTML 5Page - Texas Instruments TPD2EUSB30_2 Datasheet HTML 6Page - Texas Instruments TPD2EUSB30_2 Datasheet HTML 7Page - Texas Instruments TPD2EUSB30_2 Datasheet HTML 8Page - Texas Instruments TPD2EUSB30_2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
5.00E-13
6.00E-13
7.00E-13
8.00E-13
9.00E-13
1.00E-12
1.10E-12
1.20E-12
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Voltage (V)
DRT Package
T
= 25°C
A
DQA Package
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
–40
25
55
85
Temperature (°C)
V
= 2.5 V
IO
D–
D+
Measured at one IO,
the other IO open
0
5
10
15
20
25
30
35
40
45
50
Time ( s)
m
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
5
10
15
20
25
30
35
40
45
50
55
60
Current (A)
Power (W)
Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10
15
20
25
30
35
40
Time (ns)
-20
100
0
200
-10
0
10
20
30
40
50
60
70
80
90
25
50
75
100
125
150
175
Time (ns)
0
200
25
50
75
100
125
150
175
-100
20
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
TPD2EUSB30, TPD4EUSB30
SLVSAC2 – AUGUST 2010
www.ti.com
TYPICAL OPERATING CHARACTERISTICS
Figure 1. IO Capacitance vs IO Voltage
Figure 2. Leakage Current vs Temperature
Figure 3. Peak Pulse Waveforms
Figure 4. D+,D– Transmission Line Pulser Plot (100 ns
Pulse, 10 ns Rise Time)
Figure 5. IEC Clamping Waveforms (8 kV Contact)
Figure 6. IEC Clamping Waveforms (–8 kV Contact)
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPD2EUSB30, TPD4EUSB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com