Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ14201 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMZ14201
Description  1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ14201 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMZ14201 Datasheet HTML 9Page - National Semiconductor (TI) LMZ14201 Datasheet HTML 10Page - National Semiconductor (TI) LMZ14201 Datasheet HTML 11Page - National Semiconductor (TI) LMZ14201 Datasheet HTML 12Page - National Semiconductor (TI) LMZ14201 Datasheet HTML 13Page - National Semiconductor (TI) LMZ14201 Datasheet HTML 14Page - National Semiconductor (TI) LMZ14201 Datasheet HTML 15Page - National Semiconductor (TI) LMZ14201 Datasheet HTML 16Page - National Semiconductor (TI) LMZ14201 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Given the typical thermal resistance from junction to case to
be 1.9 °C/W. Use the 85°C power dissipation curves in the
Typical Performance Characteristics section to estimate the
P
IC-LOSS for the application being designed. In this application
it is 0.52W.
θ
CA = (125 — 85) / 0.52W — 1.9 = 75
To reach
θ
CA = 75, the PCB is required to dissipate heat ef-
fectively. With no airflow and no external heat, a good esti-
mate of the required board area covered by 1 oz. copper on
both the top and bottom metal layers is:
Board Area_cm2 = 500°C x cm2/W /
θ
JC (19)
As a result, approximately 6 square cm of 1 oz copper on top
and bottom layers is required for the PCB design. Additional
area will decrease die temperature proportionately. The PCB
copper heat sink must be connected to the exposed pad. Ap-
proximately thirty six, 10mils (254
μm) thermal vias spaced
59mils (1.5 mm) apart must connect the top copper to the
bottom copper. For an example of a high thermal performance
PCB layout of approximately 31 square cm area. Refer to the
Evaluation Board application note AN-2024. For more infor-
mation on thermal design see AN-2020 and AN-2026.
PC BOARD LAYOUT GUIDELINES
PC board layout is an important part of DC-DC converter de-
sign. Poor board layout can disrupt the performance of a DC-
DC converter and surrounding circuitry by contributing to EMI,
ground bounce and resistive voltage drop in the traces. These
can send erroneous signals to the DC-DC converter resulting
in poor regulation or instability. Good layout can be imple-
mented by following a few simple design rules.
30114611
1. Minimize area of switched current loops.
From an EMI reduction standpoint, it is imperative to minimize
the high di/dt paths during PC board layout. The high current
loops that do not overlap have high di/dt content that will
cause observable high frequency noise on the output pin if
the input capacitor (Cin1) is placed at a distance away from
the LMZ14201. Therefore place C
IN1 as close as possible to
the LMZ14201 VIN and GND exposed pad. This will minimize
the high di/dt area and reduce radiated EMI. Additionally,
grounding for both the input and output capacitor should con-
sist of a localized top side plane that connects to the GND
exposed pad (EP).
2. Have a single point ground.
The ground connections for the feedback, soft-start, and en-
able components should be routed to the GND pin of the
device. This prevents any switched or load currents from
flowing in the analog ground traces. If not properly handled,
poor grounding can result in degraded load regulation or er-
ratic output voltage ripple behavior. Provide the single point
ground connection from pin 4 to EP.
3. Minimize trace length to the FB pin.
Both feedback resistors, R
FBT and RFBB, and the feed forward
capacitor C
FF, should be located close to the FB pin. Since
the FB node is high impedance, maintain the copper area as
small as possible. The trace are from R
FBT, RFBB, and CFF
should be routed away from the body of the LMZ14201 to
minimize noise.
4. Make input and output bus connections as wide as
possible.
This reduces any voltage drops on the input or output of the
converter and maximizes efficiency. To optimize voltage ac-
curacy at the load, ensure that a separate feedback voltage
sense trace is made to the load. Doing so will correct for volt-
age drops and provide optimum output accuracy.
5. Provide adequate device heat-sinking.
Use an array of heat-sinking vias to connect the exposed pad
to the ground plane on the bottom PCB layer. If the PCB has
a plurality of copper layers, these thermal vias can also be
employed to make connection to inner layer heat-spreading
ground planes. For best results use a 6 x 6 via array with
minimum via diameter of 10mils (254
μm) thermal vias spaced
59mils (1.5 mm). Ensure enough copper area is used for heat-
sinking to keep the junction temperature below 125°C.
Additional Features
OUTPUT OVER-VOLTAGE COMPARATOR
The voltage at FB is compared to a 0.92V internal reference.
If FB rises above 0.92V the on-time is immediately terminat-
ed. This condition is known as over-voltage protection (OVP).
It can occur if the input voltage is increased very suddenly or
if the output load is decreased very suddenly. Once OVP is
activated, the top MOSFET on-times will be inhibited until the
condition clears. Additionally, the synchronous MOSFET will
remain on until inductor current falls to zero.
CURRENT LIMIT
Current limit detection is carried out during the off-time by
monitoring the current in the synchronous MOSFET. Refer-
ring to the Functional Block Diagram, when the top MOSFET
is turned off, the inductor current flows through the load, the
PGND pin and the internal synchronous MOSFET. If this cur-
rent exceeds 2.0 (typical) the current limit comparator dis-
ables the start of the next on-time period. The next switching
cycle will occur only if the FB input is less than 0.8V and the
inductor current has decreased below 2.0A. Inductor current
is monitored during the period of time the synchronous MOS-
FET is conducting. So long as inductor current exceeds 2.0A,
further on-time intervals for the top MOSFET will not occur.
Switching frequency is lower during current limit due to the
longer off-time. It should also be noted that current limit is
dependent on both duty cycle and temperature as illustrated
in the graphs in the typical performance section.
THERMAL PROTECTION
The junction temperature of the LMZ14201 should not be al-
lowed to exceed its maximum ratings. Thermal protection is
implemented by an internal Thermal Shutdown circuit which
activates at 165 °C (typ) causing the device to enter a low
power standby state. In this state the main MOSFET remains
off causing V
O to fall, and additionally the CSS capacitor is
discharged to ground. Thermal protection helps prevent
catastrophic failures for accidental device overheating. When
the junction temperature falls back below 145 °C (typ Hyst =
20 °C) the SS pin is released, V
O rises smoothly, and normal
operation resumes.
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com