Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2EUSB30DRTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2EUSB30DRTR
Description  2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2EUSB30DRTR Datasheet(HTML) 2 Page - Texas Instruments

  TPD2EUSB30DRTR Datasheet HTML 1Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 2Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 3Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 4Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 5Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 6Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 7Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 8Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
GND
D2+
D2-
D1+
D1-
GND
D+
D–
TPD2EUSB30, TPD4EUSB30
SLVSAC2 – AUGUST 2010
www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SOT – DRT
Tape and reel
TPD2EUSB30DRTR
5PX
–40°C to 85°C
SON – DQA
Tape and reel
TPD4EUSB30DQAR
66R
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
CIRCUIT DIAGRAMS
TPD4EUSB30DQA Circuit
TPD2EUSB30DRT Circuit
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
DRT
NAME
DQA PIN NO.
PIN NO.
Dx+,
1,
1,2,
High-speed ESD clamp, provides ESD protection to the high-speed differential
ESD port
Dx–
2
4, 5
data lines
GND
3
3, 8
GND
Ground
6, 7,
N.C.
Not normally connected
9, 10
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPD2EUSB30, TPD4EUSB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com