Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2132PCBA Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2132PCBA
Description  LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2132PCBA Datasheet(HTML) 6 Page - RF Micro Devices

  RF2132PCBA Datasheet HTML 1Page - RF Micro Devices RF2132PCBA Datasheet HTML 2Page - RF Micro Devices RF2132PCBA Datasheet HTML 3Page - RF Micro Devices RF2132PCBA Datasheet HTML 4Page - RF Micro Devices RF2132PCBA Datasheet HTML 5Page - RF Micro Devices RF2132PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2-114
RF2132
Rev B9 010417
2
RF2132 Evaluation Board
Vcc = 4.8 V, Vpc = 4.0 V, Frequency = 836 MHz, IS-95A CDMA
0
10
20
30
40
50
60
70
80
90
28
26
24
22
20
18
16
14
12
10
Pout (dBm)
0
50
100
150
200
250
300
350
ACPR 885 kHz
ACPR 1.98 MHz
Current
Total Efficiency



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com