Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2140 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2140
Description  3V DCS POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2140 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2140 Datasheet HTML 4Page - RF Micro Devices RF2140 Datasheet HTML 5Page - RF Micro Devices RF2140 Datasheet HTML 6Page - RF Micro Devices RF2140 Datasheet HTML 7Page - RF Micro Devices RF2140 Datasheet HTML 8Page - RF Micro Devices RF2140 Datasheet HTML 9Page - RF Micro Devices RF2140 Datasheet HTML 10Page - RF Micro Devices RF2140 Datasheet HTML 11Page - RF Micro Devices RF2140 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2-139
RF2140
Rev A12 011031
2
Typical Test Setup
Power Supply
V- S- S+ V+
10dB/5W
3dB
RF Generator
Spectrum
Analyzer
Buffer
x1 OpAmp
Puls
Generator
A buffer amplifier is recommended because the current into
the Vapc changes with voltage. As an alternative, the
voltage may be monitored with an oscilloscope.
Notes about testing the RF2140
The test setup shown above includes two attenuators. The 3dB pad at the input is to minimize the effects that the
switching of the input impedance of the PA has on the signal generator. When Vapc is switched quickly, the resulting
input impedance change can cause the signal generator to vary its output signal, either in output level or in frequency.
Instead of an attenuator an isolator may also be used. The attenuator at the output is to prevent damage to the spec-
trum analyzer, and should be able to handle the power.
It is important not to exceed the rated supply current and output power. When testing the device at higher than nominal
supply voltage, the VAPC should be adjusted to avoid the output power exceeding +36dBm. During load-pull testing at
the output it is important to monitor the forward power through a directional coupler. The forward power should not
exceed +36dBm, and VAPC needs to be adjusted accordingly. This simulates the behavior for the power control loop in
this respect. To avoid damage, it is recommended to set the power supply to limiting the current during the burst, not to
exceed the maximum current rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com