Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEE0JA152P Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEE0JA152P
Description  Surface Mount Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE0JA152P Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEE0JA152P Datasheet HTML 1Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 2Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 3Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 4Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ S
■ Standard Products (Bi-polar)
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
Size
Code
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
Endurance
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(hours)
(pcs)
6.3
22
5
5.4
C
290.522000
EEE0JA220NR
(1)
1000
47
6.3
5.4
D
460.522000
EEE0JA470NP
(1)
1000
10
10
4
5.4
B
250.402000
EEE1AA100NR
(1)
2000
33
6.3
5.4
D
430.402000
EEE1AA330NP
(1)
1000
16
4.7
4
5.4
B
20
0.32
2000
EEE1CA4R7NR
(1)
2000
10
5
5.4
C
250.322000
EEE1CA100NR
(1)
1000
22
6.3
5.4
D
390.322000
EEE1CA220NP
(1)
1000
25
3.3
4
5.4
B
12
0.28
2000
EEE1EA3R3NR
(1)
2000
4.7
5
5.4
C
21
0.28
2000
EEE1EA4R7NR
(1)
1000
10
6.3
5.4
D
280.282000
EEE1EA100NP
(1)
1000
35
2.2
4
5.4
B
12
0.24
2000
EEE1VA2R2NR
(1)
2000
4.7
5
5.4
C
22
0.24
2000
EEE1VA4R7NR
(1)
1000
10
6.3
5.4
D
300.242000
EEE1VA100NP
(1)
1000
50
0.22
4
5.4
B
2
0.24
2000
EEE1HAR22NR
(1)
2000
0.33
4
5.4
B
3
0.24
2000
EEE1HAR33NR
(1)
2000
0.47
4
5.4
B
5
0.24
2000
EEE1HAR47NR
(1)
2000
14
5.4
B
10
0.24
2000
EEE1HA010NR
(1)
2000
2.2
5
5.4
C
16
0.24
2000
EEE1HA2R2NR
(1)
1000
3.3
5
5.4
C
21
0.24
2000
EEENZ1H3R3R
(1)
1000
4.7
6.3
5.4
D
31
0.24
2000
EEE1HA4R7NP
(1)
1000
The taping dimensions are explained on p.177 of our Catalog. Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-11) listed on p.175 of our Catalog.
Jul. 2008



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com