Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L712RA Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # L712RA
Description  Locking Power Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

L712RA Datasheet(HTML) 1 Page - Switchcraft, Inc.

  L712RA Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JACKS & PLUGS PRODUCTBULLETIN 529
Locking Power Jack
RA Series
5555 North Elston Avenue
/
Chicago, IL 60630
Phone: 773-792-2700
/
Fax :773-792-2129
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
Specifications continued . . .
Electrical
Contact Resistance: .01 ohms maximum
(initial) .02 ohms maximum (after humidity, durability exposure),
.1 ohms maximum (after salt spray)
Insulation Resistance: 10,000 M
Ω minimum (initial), 1,000 MΩ mini-
mum (after humidity, durability exposure)
Dielectric Withstanding Voltage: 500V AC maximum
Contact Rating: 5A, 12V DC resistive.
Materials
Housing: Molded plastic
Mounting Bushing and Hex Nut: Plated copper alloy
Pin, Spring and Terminals: Plated copper alloy
Insulators: Rigid plastic
Hardware: Supplied with one Number P2439 nickel-plated brass
hex nut, and one Number P2441 nickel-plated steel flat washer
Part Numbers
Description
712RA
Right angle PC mount, 0.100”
diameter pin
722RA
Right angle PC mount, 0.080”
diameter pin
732RA
Right angle PC mount, 0.050”
diameter pin
L712RA
Right angle PC mount, 0.100”
diameter pin, 0.319” long
bushing
L722RA
Right angle PC mount, 0.080”
diameter pin, 0.319” long
bushing
L732RA
Right angle PC mount, 0.050”
diameter pin, 0.319” long
bushing


Similar Part No. - L712RA

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
L712RAH SWITCH-L712RAH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
L712RAH SWITCH-L712RAH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
L712RAS SWITCH-L712RAS Datasheet
401Kb / 4P
IP68/ NEMA 250 (6P) Sealed Power Plug and Jack
L712RASH SWITCH-L712RASH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
L712RASH SWITCH-L712RASH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
More results

Similar Description - L712RA

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KLDHCX-0202-X-LT KYCON-KLDHCX-0202-X-LT Datasheet
408Kb / 1P
High Current PCB Mount DC Locking Type Power Jack
KLDVHCX-0202-LT KYCON-KLDVHCX-0202-LT Datasheet
482Kb / 1P
Locking Type High Current Vertical PCB Mount DC Power Jack
KLDX-0202-AP-LT KYCON-KLDX-0202-AP-LT Datasheet
922Kb / 1P
Locking Type PCB Mount DC Power Jack
logo
Neutrik AG
NA3JJ NEUTRIK-NA3JJ Datasheet
90Kb / 2P
Stereo 1/4" locking jack - Stereo 1/4" locking jack (Tip, Ring, Sleeve contact), extension adapter
logo
Qualtek Electronics Cor...
512002-01 QUALTEK-512002-01 Datasheet
272Kb / 1P
LOCKING POWER CORD
03-28-23
512003-01 QUALTEK-512003-01 Datasheet
272Kb / 1P
LOCKING POWER CORD
03-28-23
512004-01 QUALTEK-512004-01 Datasheet
272Kb / 1P
LOCKING POWER CORD
03-28-23
512006-01 QUALTEK-512006-01 Datasheet
274Kb / 1P
LOCKING POWER CORD
03-28-23
512007-01 QUALTEK-512007-01 Datasheet
274Kb / 1P
LOCKING POWER CORD
03-28-23
512009-01 QUALTEK-512009-01 Datasheet
274Kb / 1P
LOCKING POWER CORD
03-28-23
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com