Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEEFC1C331P Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEFC1C331P
Description  Surface Mount Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFC1C331P Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEFC1C331P Datasheet HTML 1Page - Panasonic Semiconductor EEEFC1C331P Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FC
■ Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
Size
Code
Ripple
Current
(100 kHz)
(+105°C)
tan
δ
(120 Hz)
(+20 °C)
Impedance
(100 kHz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
6.3
22
4
5.4
B
60
0.26
3.00
EEEFC0J220R
(1)
2000
47
5
5.4
C
95
0.26
1.80
EEEFC0J470R
(1)
1000
68
6.3
5.4
D
140
0.26
1.00
EEEFC0J680P
(1)
1000
100
6.3
5.4
D
140
0.26
1.00
EEEFC0J101P
(1)
1000
220
8
6.2
E
230
0.26
0.40
EEEFC0J221P
(2)
1000
330
8
10.2
F
450
0.26
0.30
EEEFC0J331P
(2)
500
1000
10
10.2
G
670
0.26
0.15
EEEFC0J102P
(2)
500
1500
10
10.2
G
670
0.26
0.15
EEEFC0J152P
(2)
500
10
33
5
5.4
C
95
0.19
1.80
EEEFC1A330R
(1)
1000
100
8
6.2
E
230
0.19
0.40
EEEFC1A101P
(2)
1000
150
8
6.2
E
230
0.19
0.40
EEEFC1A151P
(2)
1000
220
8
10.2
F
450
0.19
0.30
EEEFC1A221P
(2)
500
470
10
10.2
G
6700.19
0.15
EEEFC1A471P
(2)
500
1000
10
10.2
G
670
0.19
0.15
EEEFC1A102P
(2)
500
16
10
4
5.4
B
60
0.16
3.00
EEEFC1C100R
(1)
2000
22
5
5.4
C
95
0.16
1.80
EEEFC1C220R
(1)
1000
47
6.3
5.4
D
140
0.16
1.00
EEEFC1C470P
(1)
1000
68
8
6.2
E
230
0.16
0.40
EEEFC1C680P
(2)
1000
100
8
6.2
E
230
0.16
0.40
EEEFC1C101P
(2)
1000
220
10
10.2
G
6700.16
0.15
EEEFC1C221P
(2)
500
330
10
10.2
G
6700.16
0.15
EEEFC1C331P
(2)
500
470
10
10.2
G
6700.16
0.15
EEEFC1C471P
(2)
500
680
10
10.2
G
6700.16
0.15
EEEFC1C681P
(2)
500
25
6.8
4
5.4
B
60
0.14
3.00
EEEFC1E6R8R
(1)
2000
22
6.3
5.4
D
140
0.14
1.00
EEEFC1E220P
(1)
1000
33
6.3
5.4
D
140
0.14
1.00
EEEFC1E330P
(1)
1000
47
8
6.2
E
230
0.14
0.40
EEEFC1E470P
(2)
1000
68
8
10.2
F
450
0.14
0.30
EEEFC1E680P
(2)
500
100
8
10.2
F
450
0.14
0.30
EEEFC1E101P
(2)
500
220
10
10.2
G
6700.14
0.15
EEEFC1E221P
(2)
500
330
10
10.2
G
6700.14
0.15
EEEFC1E331P
(2)
500
470
10
10.2
G
6700.14
0.15
EEEFC1E471P
(2)
500
35
14
5.4
B
60
0.12
3.00
EEEFC1V1R0R
(1)
2000
2.2
4
5.4
B
60
0.12
3.00
EEEFC1V2R2R
(1)
2000
3.3
4
5.4
B
60
0.12
3.00
EEEFC1V3R3R
(1)
2000
4.7
4
5.4
B
60
0.12
3.00
EEEFC1V4R7R
(1)
2000
6.8
5
5.4
C
95
0.12
1.80
EEEFC1V6R8R
(1)
1000
10
5
5.4
C
95
0.12
1.80
EEEFC1V100R
(1)
1000
22
6.3
5.4
D
140
0.12
1.00
EEEFC1V220P
(1)
1000
33
8
6.2
E
230
0.12
0.40
EEEFC1V330P
(2)
1000
47
8
6.2
E
230
0.12
0.40
EEEFC1V470P
(2)
1000
100
10
10.2
G
6700.12
0.15
EEEFC1V101P
(2)
500
220
10
10.2
G
6700.12
0.15
EEEFC1V221P
(2)
500
330
10
10.2
G
6700.12
0.15
EEEFC1V331P
(2)
500
50
14
5.4
B
30
0.12
5.00
EEEFC1H1R0R
(1)
2000
2.2
4
5.4
B
30
0.12
5.00
EEEFC1H2R2R
(1)
2000
3.3
4
5.4
B
30
0.12
5.00
EEEFC1H3R3R
(1)
2000
4.7
5
5.4
C
50
0.12
3.00
EEEFC1H4R7R
(1)
1000
10
6.3
5.4
D
70
0.12
2.00
EEEFC1H100P
(1)
1000
22
8
6.2
E
120
0.12
0.70
EEEFC1H220P
(2)
1000
33
8
10.2
F
300
0.12
0.60
EEEFC1H330P
(2)
500
47
10
10.2
G
500
0.12
0.30
EEEFC1H470P
(2)
500
100
10
10.2
G
500
0.12
0.30
EEEFC1H101P
(2)
500
220
10
10.2
G
500
0.12
0.30
EEEFC1H221P
(2)
500
The taping dimensions are explained on p.177 of our Catalog.
Please use it as a reference guide.
Reflow Profile (Fig-1 to Fig-11) listed on p.175 of our Catalog.
Endurance : 105 °C 1000 h
Jul. 2008



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com