Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3F5M Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # S3F5M
Description  DMX ADAPTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

S3F5M Datasheet(HTML) 1 Page - Switchcraft, Inc.

  S3F5M Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT
BULLETIN
542
DMX ADAPTER
Switchcraft introduces our new series of DMX adapters. The
DMX adapters were developed for use in the theater lighting
industry. The adapters allow the end user to use standard 3 pin
XLR cable assemblies in connecting DMX equipment. The
adapters are available in 3 pin male to 5 pin female and 5 pin
male to 3 pin female. All are wired “straight through.”
Features and Benefits
• Nickel-plated die-cast housing increases durability
• Pre-wired for immediate use
• Available in two configurations
Market
• Theater lighting
• Any DMX application
Specifications
Shell:
Die-cast zinc, satin nickel finish
Insert Insulation:
Molded thermoplastic
Socket contacts:
Silver-plated copper alloy, tarnish-resistant
Pin contacts:
Sliver-plated copper alloy, tarnish-resistant
Ordering Information
S3F5M
3 pin female to 5 pin male
S5F3M
5 pin female to 3 pin male
See back page for wiring schematics.


Similar Part No. - S3F5M

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
S3F5M SWITCH-S3F5M Datasheet
154Kb / 1P
DMX ADAPTER PRODUCT BULLETIN 542
S3F5MX SWITCH-S3F5MX Datasheet
390Kb / 1P
An extensive range of premium quality, problem solving adapters including 1/4, XLR, RCA, DMX, BNC, 75/110 Ohm, impedance matching transformers, and much more.
More results

Similar Description - S3F5M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
759-840-32-36-181 GLENAIR-759-840-32-36-181 Datasheet
55Kb / 2P
Adapter to Adapter
logo
Switchcraft, Inc.
S5F3M SWITCH-S5F3M Datasheet
154Kb / 1P
DMX ADAPTER PRODUCT BULLETIN 542
logo
List of Unclassifed Man...
NA3MDF ETC-NA3MDF Datasheet
194Kb / 1P
Compact XLR 3 to 5 pole adapters for lighting (DMX) applications
logo
PHOENIX CONTACT
2902776 PHOENIX-2902776 Datasheet
83Kb / 6P
Adapter - EM SWD-ADAPTER
2702544 PHOENIX-2702544 Datasheet
50Kb / 1P
Adapter - FL M32 ADAPTER
logo
Neutrik AG
NA3M5F NEUTRIK-NA3M5F Datasheet
90Kb / 2P
3 pole XLR male - 5 pole XLR female for lighting (DMX) applications
NA3F5M NEUTRIK-NA3F5M Datasheet
89Kb / 2P
3 pole XLR female - 5 pole XLR male for lighting (DMX) applications
logo
Yamar Electronics Ltd.
DMX250 YAMAR-DMX250 Datasheet
2Mb / 28P
DMX/RDM Over Powerline Transceiver
R 0.80
logo
List of Unclassifed Man...
SPT401-DMX ETC2-SPT401-DMX Datasheet
434Kb / 2P
SPT401-DMX
2007
logo
Bridgetek Pte Ltd.
IDM2040-7A BRIDGETEK-IDM2040-7A Datasheet
2Mb / 29P
Intelligent Display Module 7 inch for LDSBus/DMX controller
Version 1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com