Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPCPR41F Datasheet(PDF) 2 Page - Switchcraft, Inc.

Part # HPCPR41F
Description  HIGH POWER CONNECTORS , Panel Mounts and Cord Plugs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

HPCPR41F Datasheet(HTML) 2 Page - Switchcraft, Inc.

  HPCPR41F Datasheet HTML 1Page - Switchcraft, Inc. HPCPR41F Datasheet HTML 2Page - Switchcraft, Inc. HPCPR41F Datasheet HTML 3Page - Switchcraft, Inc. HPCPR41F Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Features and Benefits continued
2
HIGH POWER CONNECTORS PRODUCT BULLETIN 544
Panel Mount Ordering information
___ ___ ___ ___ ___ ___ ___
Series
High Power Connector
Type of Connector
P - Panel
Type of Housing
Blank - rectangle
R - round
Number of Contacts
4
Termination
F - .250" Faston®
F1 - .187" Faston®
PC - Printed Circuit
RA - Right angle PC
RAP - Right angle PC with mounting post
Mounting Holes
Blank - Rectangle: .140” dia. w/Countersink Hole
Blank - Round: .152” dia. w/Countersink Hole
0 - Rec./ Round: .093” Dia. Hole
Recessed Flange (Dim. “A”)
1 - .100”
2 - .200”
HPC
P
4
• Panel mounts offered with two different flange depths, 0.100” and 0.200”
• 0.200" depth flange offers easy rear mounting
• Right angle or straight PC board terminals on panel mounts
• Built in gasket gives all HPC connectors IP 25 environmental ratings
• All HPC Series meet IEC 529 and IEC 1010-1 safety ratings
• Cord plug versions offer “push to lock” design, no 1/4" turn to engage
• Cord plug versions accept 10 AWG wire, 0.560” cable OD max
Markets
• Loudspeakers
• Power audio amplifiers
Specifications
Cord Mount Ordering Information
Part Number
Description
Part Number
Description
HPCC4F
Straight Cord Plug
HPCI4F
Inline Cord Plug
HPCC4FRAF
Right Angle Cord Plug
• Medical
• Process Controls
Materials
Housings: Thermoplastic
UL 94V-O rated
Seal Rings: Thermoplastic rubber
Contacts: Silver-plated over
copper alloy
Electrical
PC Terminals Current Rating: 30A per
UL 1977
Faston® Terminals Current Rating:
50A RMS w/10AWG wire, normal
ambient, per UL 1977
Voltage Rating: 1,500 AC RMS, Per
Mil-Std 202 Method 301
Insulation Resistance: > 2T Ohms
Contact Resistance: 1m Ohm,
1.5mOhm after 1,000
insertion/withdrawals
Mechanical
Shock: Mil-Std 202, Method 213B
Cond.K
Vibration: Mil-Std 202, Method 201A
Life: 1,000 insertion/withdrawals
Cable Range: 0.560” OD max
Environmental
Salt Spray: Mil-Std 202, Method 101D
Cond. B
Thermal Shock: Mil-Std 202, Method
107G
Temperature Limits: -55 C to +85 C
Moisture Resistance: Mil-Std 202,
Method 106E
Life@Ambient Temperature: Mil-Std
202, Method 108A
Touch Proof: IEC 65 and 1010-1
Weather Tightness: IEC 529, IP 25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com