Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAA3FPAUZ Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # AAA3FPAUZ
Description  CONNECTORS & RECEPTACLES AAA CONNECTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

AAA3FPAUZ Datasheet(HTML) 1 Page - Switchcraft, Inc.

  AAA3FPAUZ Datasheet HTML 1Page - Switchcraft, Inc. AAA3FPAUZ Datasheet HTML 2Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONNECTORS & RECEPTACLES
6
www .switchcraft.com
® Registered trademark of Switchcraft, Inc.
Note: Contact your Switchcraft Representative for price and delivery
PHONE: 773 792-2700
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
AAA SERIES Q-G
® TWIST CONNECTOR
Switchcraft introduces the AAA Series or Q-G® Twist XLR
connectors. The Q-G® Twist Series is available in male or female cord
plug, 3 through 7 pins or contacts. The unique features are the easy
twist on combination handle/strain relief, and the reduced number of
parts to assemble. With the insert built into the front shell, and the
strain relief preloaded into the handle, the end user has only two parts
to assemble – slide the handle onto the cable, solder the terminations,
and twist on the handle. As the handle is tightened, the strain relief
tightens around the outer jacket of the cable. A ramp on the strain relief
keeps it from rotating around the cable jacket and twisting the cable.
The strain relief was designed to accommodate the most popular
cable sizes. A rugged die-cast metal handle insures optimum
protection, and increases signal shielding. Popular options include
black and gold finishes, as well as a lower cost plastic handle version.
FEATURES AND BENEFITS
• Only two pieces to assemble
• Easy twist on handle reduces assembly time
• Rugged die-cast metal handle
• Accepts cable OD’s (.100" – .285")
• Black finish available
• Gold-plated pins/contacts available
• Lower cost plastic handle version available
APPLICATIONS
• Audio
• Medical
• Instrumentation
• Process Controls
SPECIFICATIONS
ELECTRICAL
Contact Resistance: 50 milliohm maximum, per pole.
Current Rating @ 125VAC:
3 pole – 15A
4 pole –10A
5 & 6 pole – 7.5A
7 pole – 5A
Insulation Resistance: 1,000 MW, minimum.
Dielectric Withstanding Voltage: 1,000 V (rms)
Capacitance: ≤3 pF between pins and ≤6 pF
between pins and shell, maximum
MECHANICAL
Insertion/Withdrawal Forces: 10 lbs. maximum,
8 lbs. nominal / 7 lbs. maximum, 5 pounds nominal.
Wire Size:
3 Contact
#12 wire gauge solid
#14 wire gauge stranded
4 Contact
#14 wire gauge solid
#16 wire gauge stranded
5 & 6 Contact
#16 wire gauge solid
#18 wire gauge stranded
7 Contact
#18 wire gauge solid
#20 wire gauge stranded
MATERIAL
Shell: Die-Cast zinc with nickel finish or black chrome.
Handle: Die cast with nickel finish or black chrome.
Also black thermoplastic handle available.
O Ring: TPR (Thermoplastic rubber).
Insert Insulation: Molded thermoplastic.
Socket Contacts: Silver plated copper alloy tarnish resistant;
bifurcated on 3 and 4 contact types. Gold is available.
Pin Contacts: Silver plated copper alloy. Resists tarnishing,
and provides excellent electrical conductivity. Gold is available.
Latch lock: High strength die cast zinc.
Strain Relief: TPR
Flex Relief: TPR (Thermoplastic rubber)
AAA CONNECTORS
AAA CONNECTORS
AAA CONNECTORS
Series
Pins/Contacts
Gender
Handle Material
Housing
Terminal
Z
Finish
Finish
AAA
3 -7 pins
F: Female
P: Plastic
B: Black
AU: Gold
New Strain Relief
3 -7 pins
M: Male
Blank: Metal
Blank: Nickel
Blank: Silver
CONNECTOR PART NUMBER SCHEME
0.100" = 2.54mm
0.285" = 7.24mm


Similar Part No. - AAA3FPAUZ

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAA3528AVU-AESGCT KINGBRIGHT-AAA3528AVU-AESGCT Datasheet
365Kb / 8P
SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ANSGCT KINGBRIGHT-AAA3528AVU-ANSGCT Datasheet
350Kb / 8P
SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ARBGS-112 KINGBRIGHT-AAA3528AVU-ARBGS-112 Datasheet
438Kb / 9P
SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ASURKQBDS KINGBRIGHT-AAA3528AVU-ASURKQBDS Datasheet
364Kb / 8P
SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ASYKCGKCT KINGBRIGHT-AAA3528AVU-ASYKCGKCT Datasheet
349Kb / 8P
SINGLE LEVEL SURFACE MOUNT CBI
More results

Similar Description - AAA3FPAUZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCAAAPC ETC1-BCAAAPC Datasheet
65Kb / 1P
ONE AAA CELL HOLDER
logo
Energizer
1212 ENERGIZER-1212 Datasheet
60Kb / 1P
AAA SUPER HEAVY DUTY
logo
DB Lectro Inc
FR10445 DBLECTRO-FR10445 Datasheet
198Kb / 1P
AAA/1200mA h
logo
List of Unclassifed Man...
12BH441P-GR ETC2-12BH441P-GR Datasheet
236Kb / 1P
Battery Holder 4 AAA
logo
Glenair, Inc.
240-970W GLENAIR-240-970W Datasheet
338Kb / 2P
PowerTrip Connectors and Accessories Filter Receptacles
380-105 GLENAIR-380-105 Datasheet
746Kb / 3P
PowerTrip Connectors and Accessories Filter Receptacles
390PS086 GLENAIR-390PS086 Datasheet
257Kb / 2P
PowerTrip Connectors and Accessories Filter Receptacles
logo
Hirose Electric
UX60S HIROSE-UX60S Datasheet
251Kb / 7P
Mini-B Connectors, SMT mount receptacles meeting requirements of USB 2.0 Standard
logo
NXP Semiconductors
BATT-14AAAPACK NXP-BATT-14AAAPACK Datasheet
850Kb / 16P
Configurable AAA Battery Pack
Rev. 1.0, 10/2015
logo
SparkFun Electronics
SPX-18621 SPARKFUN-SPX-18621 Datasheet
568Kb / 10P
Power Board AAA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com