Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECEC1EP103CJ Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # ECEC1EP103CJ
Description  Snap-in Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1EP103CJ Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button ECEC1EP103CJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1EP103CJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1EP103CJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC1EP103CJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC1EP103CJ Datasheet HTML 9Page - Panasonic Semiconductor ECEC1EP103CJ Datasheet HTML 10Page - Panasonic Semiconductor ECEC1EP103CJ Datasheet HTML 11Page - Panasonic Semiconductor ECEC1EP103CJ Datasheet HTML 12Page - Panasonic Semiconductor ECEC1EP103CJ Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP(L:20mm)
 EE185 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
400
250
200
160
100
80
63
50
35
25
16
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
n
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products(L:20mm)
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
4700
22
20
1.60
0.50
ECEC1CP472BJ
200
6800
25
20
1.80
0.50
ECEC1CP682CJ
200
10000
30
20
2.40
0.50
ECEC1CP103DJ
200
15000
35
20
3.20
0.50
ECEC1CP153EJ
200
3300
22
20
1.60
0.40
ECEC1EP332BJ
200
4700
25
20
1.80
0.40
ECEC1EP472CJ
200
6800
30
20
2.30
0.40
ECEC1EP682DJ
200
10000
35
20
2.70
0.40
ECEC1EP103EJ
200
2200
22
20
1.40
0.35
ECEC1VP222BJ
200
3300
25
20
1.70
0.35
ECEC1VP332CJ
200
4700
30
20
2.00
0.35
ECEC1VP472DJ
200
6800
35
20
2.40
0.35
ECEC1VP682EJ
200
1500
22
20
1.20
0.30
ECEC1HP152BJ
200
2200
25
20
1.40
0.30
ECEC1HP222CJ
200
3300
30
20
1.70
0.30
ECEC1HP332DJ
200
4700
35
20
2.10
0.30
ECEC1HP472EJ
200
1000
22
20
1.20
0.25
ECEC1JP102BJ
200
1500
25
20
1.30
0.25
ECEC1JP152CJ
200
2200
30
20
1.50
0.25
ECEC1JP222DJ
200
2700
35
20
1.70
0.25
ECEC1JP272EJ
200
680
22
20
1.00
0.20
ECEC1KP681BJ
200
1000
25
20
1.20
0.20
ECEC1KP102CJ
200
1500
30
20
1.40
0.20
ECEC1KP152DJ
200
2200
35
20
1.70
0.20
ECEC1KP222EJ
200
470
22
20
1.00
0.20
ECEC2AP471BJ
200
680
25
20
1.10
0.20
ECEC2AP681CJ
200
1000
30
20
1.20
0.20
ECEC2AP102DJ
200
1500
35
20
1.50
0.20
ECEC2AP152EJ
200
220
22
20
0.75
0.15
ECEC2CP221BJ
200
270
25
20
0.87
0.15
ECEC2CP271CJ
200
390
30
20
1.10
0.15
ECEC2CP391DJ
200
560
35
20
1.30
0.15
ECEC2CP561EJ
200
150
22
20
0.65
0.15
ECEC2DP151BJ
200
220
25
20
0.87
0.15
ECEC2DP221CJ
200
330
30
20
1.10
0.15
ECEC2DP331DJ
200
470
35
20
1.30
0.15
ECEC2DP471EJ
200
120
22
20
0.45
0.15
ECEC2EP121BJ
200
150
25
20
0.65
0.15
ECEC2EP151CJ
200
220
30
20
0.87
0.15
ECEC2EP221DJ
200
330
35
20
1.10
0.15
ECEC2EP331EJ
200
47
22
20
0.25
0.15
ECEC2GP470BJ
200
68
25
20
0.35
0.15
ECEC2GP680CJ
200
tan
δ
(120Hz)
(+20
°C)
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com