Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPR02AU Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # BPR02AU
Description  BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

BPR02AU Datasheet(HTML) 1 Page - Switchcraft, Inc.

  BPR02AU Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BULKHEAD PHONO JACKS PRODUCTBULLETIN 536
Product Information
Part Number
Color
BPJR01
Black
BPJR01AU
Black
BPJR02
Red
BPJR02AU
Red
BPJR03
White
BPJR03AU
White
BPJR04
Yellow
BPJR04AU
Yellow
Rear Mount Solder Type
Front Mount Solder Type
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
All PC Board layouts are component side
Part Number
Color
BPJF01
Black
BPJF01AU
Black
BPJF02
Red
BPJF02AU
Red
BPJF03
White
BPJF03AU
White
BPJF04
Yellow
BPJF04AU
Yellow
Ordering Information
BPJ
R
01
AU
Bulkhead
R = Rear
01 = Black
AU = Gold
Phono Jack
F = Front
02 = Red
Empty = NickeL
B = Bulkhead
03 = White
04 = Yellow
xx = Contact Factory
Bulkhead Mount
Part Number
Color
BPJJ01
Black
BPJJ01AU
Black
BPJJ02
Red
BPJJ02AU
Red
BPJJ03
White
BPJJ03AU
White
BPJJ04
Yellow
BPJJ04AU
Yellow
5555 North Elston Avenue
/
Chicago, IL 60630
Phone: 773-792-2700
/
Fax: 773-792-2129
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m


Similar Part No. - BPR02AU

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BPR BITECH-BPR Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
logo
KOA Speer Electronics, ...
BPR KOA-BPR Datasheet
378Kb / 2P
Power type current detecting resistors
logo
TT Electronics.
BPR TTELEC-BPR Datasheet
449Kb / 2P
Thin package for high density PCB installation
logo
IDEM Safety Switches
BPR IDEM-SAFETY-BPR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
logo
Multicomp Pro
BPR-1000 MULTICOMP-BPR-1000 Datasheet
164Kb / 1P
Cable Tie Kit
25/08/22 V1.0
More results

Similar Description - BPR02AU

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
Product Information Bulletin
logo
Switchcraft, Inc.
RAPC742 SWITCH-RAPC742 Datasheet
290Kb / 1P
JACKS AND PLUGS PRODUCT BULLETIN 547
logo
PANDUIT CORP.
HLC3S-X0 PANDUIT-HLC3S-X0 Datasheet
723Kb / 2P
Product Bulletin
logo
M/A-COM Technology Solu...
02007-PBD-001-A MA-COM-02007-PBD-001-A Datasheet
39Kb / 1P
Product Bulletin
logo
Richco, Inc.
ML-L-2 RICHCO-ML-L-2 Datasheet
213Kb / 1P
NEW PRODUCT BULLETIN
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
Product Bulletin
28560-PBD-001-A MA-COM-28560-PBD-001-A_15 Datasheet
60Kb / 2P
Product Bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
product bulletin
logo
Kemet Corporation
PBU-022415-CA KEMET-PBU-022415-CA Datasheet
231Kb / 3P
Product/Process Bulletin Update
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com