Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L712AS Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # L712AS
Description  IP68/ NEMA 250 (6P) Sealed Power Plug and Jack
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

L712AS Datasheet(HTML) 1 Page - Switchcraft, Inc.

  L712AS Datasheet HTML 1Page - Switchcraft, Inc. L712AS Datasheet HTML 2Page - Switchcraft, Inc. L712AS Datasheet HTML 3Page - Switchcraft, Inc. L712AS Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Made In USAU
SAMade in
IP68/ NEMA 250 (6P) Sealed Power Plug and Jack
Switchcraft®
Harsh Environment
Connectivity Solutions
Switchcraft
Sealed Power Plugs and Jacks
®
●
IP rating of IP68/ NEMA 250 (6P),
for properly mated Switchcraft sealed
jack and plug, makes the device perfect
for harsh environments
●
Available in multiple pin diameters
●
Automatic switch over from AC to DC
permitted by sleeve shunt spring
●
Optional IP rated cap (JCAP) protects
Jack when not in use
●
5A current rating (carry), up to 30V DC
at 65˚C
●
Overmold options available
●
Color coded plug finger
●
Outdoor power supplies where a
weather resistant connection is needed
●
Medical equipment where the power
plug would need to be water proof
●
Lighting connections where a rugged
harsh environment connector would
provide the most reliable sealed
connection
Applications:
Key Features:
switchcraft.com
5555 N. Elston, Chicago, IL 60630
773-792-2700 - sales@switchcraft.com


Similar Part No. - L712AS

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
L712ASH SWITCH-L712ASH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
L712ASH SWITCH-L712ASH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
More results

Similar Description - L712AS

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
IP68 Sealed - Mini USB Buccaneer
logo
Pulse A Technitrol Comp...
E5362-00A512-L PULSE-E5362-00A512-L Datasheet
76Kb / 1P
PCB GANG JACK 6P
E5362-300NG2-L PULSE-E5362-300NG2-L Datasheet
75Kb / 1P
SIDE PCB JACK 6P
logo
PowerDynamics, Inc
3352D01110 POWERDYNAMICS-3352D01110 Datasheet
264Kb / 1P
Waterproof RJ45 Jack With Cable and Plug (IP68)
3352D01410 POWERDYNAMICS-3352D01410 Datasheet
289Kb / 1P
Waterproof RJ45 Sealed Jack With Cable and Plug (IP68)
3352D21110 POWERDYNAMICS-3352D21110 Datasheet
247Kb / 1P
Waterproof RJ45 Jack With Cable and Plug (2nd ed.) IP68
3352D21410 POWERDYNAMICS-3352D21410 Datasheet
253Kb / 1P
Waterproof RJ45 Jack With Cable and Plug (2nd ed.) IP68
3352E22010 POWERDYNAMICS-3352E22010 Datasheet
287Kb / 1P
Waterproof RJ45 Jack With Cable and Plug (2nd ed.) IP68
3352K02023 POWERDYNAMICS-3352K02023 Datasheet
305Kb / 1P
Waterproof RJ45 Jack With Plug & Grounding Wire (IP68)
3352K22023 POWERDYNAMICS-3352K22023 Datasheet
291Kb / 1P
RJ45 Jack With Plug & Grounding Wire (2nd ed.) IP68
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com