Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECEC2DB391CJ Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECEC2DB391CJ
Description  Snap-in Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC2DB391CJ Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECEC2DB391CJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC2DB391CJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC2DB391CJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC2DB391CJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC2DB391CJ Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Aluminum Electrolytic Capacitors/ HB
 EE147 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
400
450
(A)
(mm)
(V)
(µF)
(pcs)
n
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+105
°C)
Standard Products
470
35
45
1.75
0.15
ECEC2GB471EJ
100
560
35
50
1.80
0.15
ECEC2GB561EJ
100
82
22
30
0.56
0.20
ECEC2WB820BJ
200
100
22
35
0.64
0.20
ECEC2WB101BJ
200
25
30
0.64
0.20
ECEC2WB101CJ
200
120
22
40
0.72
0.20
ECEC2WB121BJ
200
25
35
0.72
0.20
ECEC2WB121CJ
200
150
22
50
0.79
0.20
ECEC2WB151BJ
200
25
40
0.79
0.20
ECEC2WB151CJ
200
30
30
0.79
0.20
ECEC2WB151DJ
200
180
25
45
0.87
0.20
ECEC2WB181CJ
200
30
35
0.87
0.20
ECEC2WB181DJ
100
220
25
50
1.00
0.20
ECEC2WB221CJ
200
30
40
1.00
0.20
ECEC2WB221DJ
100
270
30
45
1.19
0.20
ECEC2WB271DJ
100
35
35
1.19
0.20
ECEC2WB271EJ
100
330
30
50
1.38
0.20
ECEC2WB331DJ
100
35
40
1.38
0.20
ECEC2WB331EJ
100
390
35
45
1.55
0.20
ECEC2WB391EJ
100
470
35
50
1.74
0.20
ECEC2WB471EJ
100
Endurance : 105
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Part No.
PET Sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com