Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2155 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2155
Description  3V PROGRAMMABLE GAIN POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2155 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2155 Datasheet HTML 1Page - RF Micro Devices RF2155 Datasheet HTML 2Page - RF Micro Devices RF2155 Datasheet HTML 3Page - RF Micro Devices RF2155 Datasheet HTML 4Page - RF Micro Devices RF2155 Datasheet HTML 5Page - RF Micro Devices RF2155 Datasheet HTML 6Page - RF Micro Devices RF2155 Datasheet HTML 7Page - RF Micro Devices RF2155 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2-182
RF2155
Rev B3 010417
2
Application Schematic
915 MHz
Pin
Function
Description
Interface Schematic
16
G16
RF output power gain control 16dB bit (see specification table for
logic). The control voltage at this pin should never exceed 3.3V and a
logic high should be at least 2.7V. This pin should also have an external
UHF bypassing capacitor.
Same as pin 15.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
W=55, L=330 mil
3.9 pF
50
33 pF
RF Out
W=20, L=570 mil
33 pF
33 pF
33 pF
16 dB Ctrl
8 dB Ctrl
V
CC
39
W=20, L=180 mil
33 pF
33 pF
6.8 nH
33 pF
RF In
V
CC
33 pF
Power Down
Board Material: FR-4 (Er=4.7)
h=30 mil
Impedances are critical at pin
2, 7, 11, and 14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com