Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECA2AMH2R2 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECA2AMH2R2
Description  Radial Lead Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA2AMH2R2 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECA2AMH2R2 Datasheet HTML 1Page - Panasonic Semiconductor ECA2AMH2R2 Datasheet HTML 2Page - Panasonic Semiconductor ECA2AMH2R2 Datasheet HTML 3Page - Panasonic Semiconductor ECA2AMH2R2 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aluminium Electrolytic Capacitors/MH
— EE98 —
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
35
63
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5mm, 7.5mm.
i=2.5mm.
The taping dimensions are explained on p.25 of our Catalog. Please use it as a reference guide.
Endurance : 105
°C 1000 h
(mm)
i
i
n
(mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mA)
(V)
i
B
Specification
Dia. Length
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Taping
Taping
Ripple
current
(120Hz)
(+105
°C)
Lead Length
Straight
Leads
Lead Space
Part No.
Taping
Min.Packaging Q'ty
Standard Products
100
6.3 11.2
154
0.18
0.5
2.5
5.0
2.5
ECA1VMH101( )
200
2000
220
8
11.5
239
0.18
0.6
3.5
5.0
ECA1VMH221( )
200
1000
330
10
12.5
278
0.18
0.6
5.0
5.0
ECA1VMH331( )
200
500
470
10
16
349
0.18
0.6
5.0
5.0
ECA1VMH471( )
200
500
1000
12.5 20
586
0.18
0.6
5.0
5.0
ECA1VMH102( )
200
500
2200
16
25
989
0.20
0.8
7.5
7.5
ECA1VMH222( )
100
250
3300
16
31.5
1240
0.22
0.8
7.5
ECA1VMH332
100
4700
18
35.5
1600
0.24
0.8
7.5
ECAIVMH472
50
0. 1
5
11
1.3
0.16
0.5
2.0
5.0
2.5
ECA1HMH0R1( )
200
2000
0.22 5
11
2.6
0.16
0.5
2.0
5.0
2.5
ECA1HMHR22( )
200
2000
0.33 5
11
4.4
0.16
0.5
2.0
5.0
2.5
ECA1HMHR33( )
200
2000
0.47 5
11
5
0.16
0.5
2.0
5.0
2.5
ECA1HMHR47( )
200
2000
1
5
11
10
0.16
0.5
2.0
5.0
2.5
ECA1HMH010( )
200
2000
2 . 2
5
11
20
0.16
0.5
2.0
5.0
2.5
ECA1HMH2R2( )
200
2000
3.3
5
11
30
0.16
0.5
2.0
5.0
2.5
ECA1HMH3R3( )
200
2000
4.7
5
11
30
0.16
0.5
2.0
5.0
2.5
ECA1HMH4R7( )
200
2000
10
5
11
46
0.16
0.5
2.0
5.0
2.5
ECA1HMH100( )
200
2000
50
22
5
11
55
0.16
0.5
2.0
5.0
2.5
ECA1HMH220( )
200
2000
33
5
11
66
0.16
0.5
2.0
5.0
2.5
ECA1HMH330( )
200
2000
47
6.3 11.2
87
0.16
0.5
2.5
5.0
2.5
ECA1HMH470( )
200
2000
100
8
11.5
169
0.16
0.6
3.5
5.0
ECA1HMH101( )
200
1000
220
10
12.5
234
0.16
0.6
5.0
5.0
ECA1HMH221( )
200
500
330
10
16
293
0.16
0.6
5.0
5.0
ECA1HMH331( )
200
500
470
10
20
370
0.16
0.6
5.0
5.0
ECA1HMH471( )
200
500
1000
12.5 25
659
0.16
0.6
5.0
5.0
ECA1HMH102( )
200
500
2200
16
31.5
1083
0.18
0.8
7.5
ECA1HMH222
100
3300
18
35.5
1431
0.20
0.8
7.5
ECA1HMH332
50
10
5
11
46
0.14
0.5
2.0
5.0
2.5
ECA1JMH100( )
200
2000
22
5
11
55
0.14
0.5
2.0
5.0
2.5
ECA1JMH220( )
200
2000
33
6.3 11.2
71
0.14
0.5
2.5
5.0
2.5
ECA1JMH330( )
200
2000
47
6.3 11.2
94
0.14
0.5
2.5
5.0
2.5
ECA1JMH470( )
200
2000
100
10
12.5
180
0.14
0.6
5.0
5.0
ECA1JMH101( )
200
500
220
10
16
292
0.14
0.6
5.0
5.0
ECA1JMH221( )
200
500
330
10
20
381
0.14
0.6
5.0
5.0
ECA1JMH331( )
200
500
470
12.5 20
454
0.14
0.6
5.0
5.0
ECA1JMH471( )
200
500
1000
16
25
707
0.14
0.8
7.5
7.5
ECA1JMH102( )
100
250
2200
18
35.5
1074
0.16
0.8
7.5
ECA1JMH222
50
0.47
5
11
10
0.12
0.5
2.0
5.0
2.5
ECA2AMHR47( )
200
2000
1
5
11
20
0.12
0.5
2.0
5.0
2.5
ECA2AMH010( )
200
2000
100
2.2
5
11
30
0.12
0.5
2.0
5.0
2.5
ECA2AMH2R2( )
200
2000
3.3
5
11
30
0.12
0.5
2.0
5.0
2.5
ECA2AMH3R3( )
200
2000
4.7
5
11
30
0.12
0.5
2.0
5.0
2.5
ECA2AMH4R7( )
200
2000
tan
δ
(120Hz)
(+20
°C)
Mar. 2005



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com