Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECA2AMH331 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECA2AMH331
Description  Radial Lead Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA2AMH331 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECA2AMH331 Datasheet HTML 1Page - Panasonic Semiconductor ECA2AMH331 Datasheet HTML 2Page - Panasonic Semiconductor ECA2AMH331 Datasheet HTML 3Page - Panasonic Semiconductor ECA2AMH331 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Aluminium Electrolytic Capacitors/MH
— EE97 —
A
.
MH
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
(mm)
i
i
10
16
35
n
(mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mA)
(V)
tan
δ
(120Hz)
(+20
°C)
i
B
Specification
Dia. Length
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Standard Products
Taping
Taping
Ripple
current
(120Hz)
(+105
°C)
Lead Length
Straight
Leads
Lead Space
Part No.
Taping
Min.PackagingQ'ty
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5mm, 7.5mm,
i=2.5mm.
The taping dimensions are explained on p.25 of our Catalog. Please use it as a reference guide.
Endurance : 105
°C 1000 h
220
5
11
108
0.40
0.5
2.0
5.0
2.5
ECA0JMH221( )
200
2000
330
6.3
11.2
152
0.40
0.5
2.5
5.0
2.5
ECA0JMH331( )
200
2000
470
6.3
11.2
158
0.40
0.5
2.5
5.0
2.5
ECA0JMH471( )
200
2000
1000
8
11.5
294
0.35
0.6
3.5
5.0
ECA0JMH102( )
200
1000
2200 10
16
453
0.39
0.6
5.0
5.0
ECA0JMH222( )
200
500
6.3
3300 10
20
561
0.43
0.6
5.0
5.0
ECA0JMH332( )
200
500
4700 12.5
20
802
0.47
0.6
5.0
5.0
ECA0JMH472( )
200
500
6800 12.5
25
975
0.55
0.6
5.0
5.0
ECA0JMH682( )
200
500
10000 16
25
1278
0.71
0.8
7.5
7.5
ECA0JMH103( )
100
250
15000 16
31.5
1522
0.91
0.8
7.5
ECA0JMH153
100
22000 18
35.5
2026
1.19
0.8
7.5
ECA0JMH223
50
220
6.3
11.2
152
0.35
0.5
2.5
5.0
2.5
ECA1AMH221( )
200
2000
330
6.3
11.2
158
0.35
0.5
2.5
5.0
2.5
ECA1AMH331( )
200
2000
470
8
11.5
278
0.30
0.6
3.5
5.0
ECA1AMH471( )
200
1000
1000 10
12.5
345
0.30
0.6
5.0
5.0
ECA1AMH102( )
200
500
2200 10
20
540
0.34
0.6
5.0
5.0
ECA1AMH222( )
200
500
3300 12.5
20
802
0.38
0.6
5.0
5.0
ECA1AMH332( )
200
500
4700 12.5
25
975
0.42
0.6
5.0
5.0
ECA1AMH472( )
200
500
6800 16
25
1233
0.50
0.8
7.5
7.5
ECA1AMH682( )
100
250
10000 16
31.5
1522
0.66
0.8
7.5
ECA1AMH103
100
15000 18
35.5
1947
0.86
0.8
7.5
ECA1AMH153
50
100
5
11
105
0.25
0.5
2.0
5.0
2.5
ECA1CMH101( )
200
2000
220
6.3
11.2
147
0.25
0.5
2.5
5.0
2.5
ECA1CMH221( )
200
2000
330
8
11.5
207
0.25
0.6
3.5
5.0
ECA1CMH331( )
200
1000
470
8
11.5
302
0.25
0.6
3.5
5.0
ECA1CMH471( )
200
1000
1000 10
16.0
430
0.25
0.6
5.0
5.0
ECA1CMH102( )
200
500
2200 12.5
20
706
0.27
0.6
5.0
5.0
ECA1CMH222( )
200
500
3300 12.5
25
924
0.29
0.6
5.0
5.0
ECA1CMH332( )
200
500
4700 16
25
1202
0.31
0.8
7.5
7.5
ECA1CMH472( )
100
250
6800 16
31.5
1454
0.35
0.8
7.5
ECA1CMH682
100
10000 18
35.5
1851
0.43
0.8
7.5
ECA1CMH103
50
100
6.3
11.2
135
0.20
0.5
2.5
5.0
2.5
ECA1EMH101( )
200
2000
220
8
11.5
240
0.20
0.6
3.5
5.0
ECA1EMH221( )
200
1000
330
8
11.5
255
0.20
0.6
3.5
5.0
ECA1EMH331( )
200
1000
470 10
12.5
321
0.20
0.6
5.0
5.0
ECA1EMH471( )
200
500
25
1000 10
20
498
0.20
0.6
5.0
5.0
ECA1EMH102( )
200
500
2200 12.5
25
873
0.22
0.6
5.0
5.0
ECA1EMH222( )
200
500
3300 16
25
1171
0.24
0.8
7.5
7.5
ECA1EMH332( )
100
250
4700 16
31.5
1386
0.26
0.8
7.5
ECA1EMH472
100
6800 18
35.5
1754
0.30
0.8
7.5
ECA1EMH682
50
33
5
11
66
0.18
0.5
2.0
5.0
2.5
ECA1VMH330( )
200
2000
47
5
11
78
0.18
0.5
2.0
5.0
2.5
ECA1VMH470( )
200
2000
Mar. 2005



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com