Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2163 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2163
Description  3V, 2.5GHZ LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2163 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2163 Datasheet HTML 1Page - RF Micro Devices RF2163 Datasheet HTML 2Page - RF Micro Devices RF2163 Datasheet HTML 3Page - RF Micro Devices RF2163 Datasheet HTML 4Page - RF Micro Devices RF2163 Datasheet HTML 5Page - RF Micro Devices RF2163 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
2-252
RF2163
Rev A2 001221
2
Application Schematic
2400MHz to 2483MHz
4
3
2
1
16
15
14
13
5
6
7
8
9
12
11
10
Bias
1.5 pF
1.5 nH
RF IN
390
Ω
390
Ω
1000 pF
PWR SEN
1000 pF
PWR REF
10 uF
1000 pF
VREG1
VREG2
10 uF
1000 pF
10 nH
3.0 pF
3.0 pF
15 nH
1.5 pF
10 pF
RF OUT
10 pF
1000 pF
10 uF
6.2 pF
1000 pF
1000 pF
1000 pF
V
CC
V
REG1 = 2.4 V
V
REG2 = 2.4 V
V
CC = 3.5 V
Part is Backside Grounded.
TL1
TL2
Transmission
Line Length
WLAN
TL1
25 mil
175 mil
TL2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com