Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECEG2CH152P Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEG2CH152P
Description  Screw Terminal Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEG2CH152P Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEG2CH152P Datasheet HTML 1Page - Panasonic Semiconductor ECEG2CH152P Datasheet HTML 2Page - Panasonic Semiconductor ECEG2CH152P Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Aluminium Electrolytic Capacitors/GH
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE182 –
Endurance : 85
°C 2000h
(V)
(µF)
D.F.
(120Hz)
(+20
°C)
(mm)
No
( ):Mounting Clamp
2point
clamp
clamp
3 point
Terminal
(mm)
(mm)
(A )
Part No.
Specification
Dia.
Length
Case size
W.V.
Ripple
current
(120Hz)
(+85
°C)
Pitch
s
Standard Products
Cap.
(-10 to +30%)
1500
36
83
4.13
0.1
13.0
ECEG2CH152P( )
N
F
1800
36
103
5.00
0.1
13.0
ECEG2CH182N( )
N
F
2200
36
125
5.88
0.1
13.0
ECEG2CH222M( )
N
F
2700
51
83
6.88
0.1
22.0
ECEG2CH272L( )
N
C
F
3900
51
103
8.75
0.1
22.0
ECEG2CH392K( )
N
C
F
4700
51
125
10.6
0.1
22.0
ECEG2CH472J( )
N
C
F
160
5600
51
145
12.2
0.1
22.0
ECEG2CH562H( )
N
C
F
64
103
12.2
0.1
28.6
ECEG2CH562G( )
N
C
F
6800
64
125
14.4
0.1
28.6
ECEG2CH682F( )
N
C
F
8200
64
145
16.9
0.1
28.6
ECEG2CH822E( )
N
C
F
10000
77
125
19.4
0.1
31.8
ECEG2CH103D( )
N
C
F
12000
77
145
22.5
0.1
31.8
ECEG2CH123C( )
N
C
F
18000
90
150
31.2
0.1
31.8
ECEG2CH183A( )
N
F
1200
36
83
3.63
0.1
13.0
ECEG2DH122P( )
N
F
1500
36
103
4.50
0.1
13.0
ECEG2DH152N( )
N
F
1800
36
125
5.38
0.1
13.0
ECEG2DH182M( )
N
F
2200
51
83
6.25
0.1
22.0
ECEG2DH222L( )
N
C
F
2700
51
103
7.38
0.1
22.0
ECEG2DH272K( )
N
C
F
3900
51
125
9.50
0.1
22.0
ECEG2DH392J( )
N
C
F
200
4700
51
145
11.2
0.1
22.0
ECEG2DH472H( )
N
C
F
64
103
11.2
0.1
28.6
ECEG2DH472G( )
N
C
F
5600
64
125
13.1
0.1
28.6
ECEG2DH562F( )
N
C
F
6800
64
145
15.6
0.1
28.6
ECEG2DH682E( )
N
C
F
10000
77
125
19.4
0.1
31.8
ECEG2DH103D( )
N
C
F
12000
77
145
22.5
0.1
31.8
ECEG2DH123C( )
N
C
F
15000
90
150
28.1
0.1
31.8
ECEG2DH153A( )
N
F
820
36
83
3.06
0.1
13.0
ECEG2EH821P( )
N
F
1000
36
103
3.75
0.1
13.0
ECEG2EH102N( )
N
F
1200
36
125
4.38
0.1
13.0
ECEG2EH122M( )
N
F
1500
51
83
5.13
0.1
22.0
ECEG2EH152L( )
N
C
F
2200
51
103
6.75
0.1
22.0
ECEG2EH222K( )
N
C
F
2700
51
125
8.13
0.1
22.0
ECEG2EH272J( )
N
C
F
250
3300
51
145
9.25
0.1
22.0
ECEG2EH332H( )
N
C
F
64
103
9.25
0.1
28.6
ECEG2EH332G( )
N
C
F
3900
64
125
11.0
0.1
28.6
ECEG2EH392F( )
N
C
F
4700
64
145
12.5
0.1
28.6
ECEG2EH472E( )
N
C
F
6800
77
125
16.2
0.1
31.8
ECEG2EH682D( )
N
C
F
8200
77
145
18.7
0.1
31.8
ECEG2EH822C( )
N
C
F
10000
90
150
23.1
0.1
31.8
ECEG2EH103A( )
N
F
390
36
83
2.13
0.1
13.0
ECEG2VH391P( )
N
F
350
470
36
103
2.56
0.1
13.0
ECEG2VH471N( )
N
F
560
36
125
3.00
0.1
13.0
ECEG2VH561M( )
N
F
Discontinued
Mar. 2005



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com